Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4346 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 19Page - STMicroelectronics AN4346 Datasheet HTML 20Page - STMicroelectronics AN4346 Datasheet HTML 21Page - STMicroelectronics AN4346 Datasheet HTML 22Page - STMicroelectronics AN4346 Datasheet HTML 23Page - STMicroelectronics AN4346 Datasheet HTML 24Page - STMicroelectronics AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID025107 Rev 1
23/33
AN4346
Electrical waveform
33
3.2
Transition mode operation
During ON-time, the peak drain current is modulated by a signal proportional to the ILED pin.
This reference sets the turn-off of the MOSFET.
The MOSFET turn-on depends on the DMG signal that senses demagnetization of the drain
current realizing a transition mode operation.
A primary inductance of 1.5 mH has been selected in order to obtain the converter switching
frequency into the interval [45 - 90] kHz.
Figure 26. ILED pin operation at 100 Vac - 50 Hz Figure 27. Transition mode operation at 100 Vac
- 50 Hz - zoom on the peak - fsw = 51 kHz
CH1: DRAIN pin
CH2: CS pin
CH3: ILED pin
CH4: DMG pin
CH1: DRAIN pin
CH2: CS pin
CH3: ILED pin
CH4: DMG pin
Figure 28. ILED pin operation at 230 Vac - 50 Hz Figure 29. Transition mode operation at 230 Vac
- 50 Hz - zoom on the peak - fsw = 83 kHz
CH1: DRAIN pin
CH2: CS pin
CH3: ILED pin
CH4: DMG pin
CH1: DRAIN pin
CH2: CS pin
CH3: ILED pin
CH4: DMG pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com