Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4373 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4373
Description  Galvanically-isolated 8 channel high-side driver based on the ISO8200B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4373 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4373 Datasheet HTML 5Page - STMicroelectronics AN4373 Datasheet HTML 6Page - STMicroelectronics AN4373 Datasheet HTML 7Page - STMicroelectronics AN4373 Datasheet HTML 8Page - STMicroelectronics AN4373 Datasheet HTML 9Page - STMicroelectronics AN4373 Datasheet HTML 10Page - STMicroelectronics AN4373 Datasheet HTML 11Page - STMicroelectronics AN4373 Datasheet HTML 12Page - STMicroelectronics AN4373 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID025365 Rev 1
9/14
AN4373
Board description
14
Figure 6. STEVAL-IFP015V2 bottom layer
2.1
Power section
This device, due to internal galvanic isolation, has two ground references, GNDDD for VDD
digital supply and GNDCC for VCC main supply. Both supply voltages has reverse polarity
protection implemented with the STPS1L60A diode on VDD and with STPS1H100A diode on
VCC main voltage.
The operating supply values are variable within a range of 10.5 V - 3.3 V for VCC supply, and
a range of 3.1 V to 5.5 V for VDD. This latter reference can be selected using three way drop
jumper J1
Note:
The “5 V” and “3.3 V” labels identify connection with a 30 pin connector and the possibility to
power the device by microcontroller board, whereas the “EXT” label identifies connection
with screw connector.
A bidirectional transil diode SM15T33CA, connected on the VCC supply improves EMC
stress robustness; while capacitors C4 and C5 realize a coupling network in case of EMC
common mode test.
2.2
Digital interface
The STEVAL-IFP015V2 microcontroller interface permits device driving in:
1.
Direct Mode: for instantaneous output control
2.
Synchronous Mode: for triggered outputs control. This mode is useful if a lower delay of
all outputs is needed
Both modalities are managed by modifying the default state of the Sync and Load signals.
By default they are pulled up by the two signal LEDs D2 and D3. Pulling down these two
signals at the same time, Direct Mode is active, so it is sufficient to change the input state to
change the corresponding output as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com