Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4373 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4373
Description  Galvanically-isolated 8 channel high-side driver based on the ISO8200B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4373 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4373 Datasheet HTML 1Page - STMicroelectronics AN4373 Datasheet HTML 2Page - STMicroelectronics AN4373 Datasheet HTML 3Page - STMicroelectronics AN4373 Datasheet HTML 4Page - STMicroelectronics AN4373 Datasheet HTML 5Page - STMicroelectronics AN4373 Datasheet HTML 6Page - STMicroelectronics AN4373 Datasheet HTML 7Page - STMicroelectronics AN4373 Datasheet HTML 8Page - STMicroelectronics AN4373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025365 Rev 1
3/14
AN4373
Features
14
1
Features
• VCC operating voltage from 10.5 to 33 V
• 0.7 A for each channel
• Reverse polarity protection on VCC and VDD supply voltage
• Digital supply voltage VDD 3.3/5 V
• Microcontroller interface direct/synchronous mode communication
• Designed to meet requirements of IEC 61000-4-2, IEC 61000-4-4, IEC 61000-4-5 and
IEC 61000-4-8 standards
• RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com