Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4373 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4373
Description  Galvanically-isolated 8 channel high-side driver based on the ISO8200B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4373 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4373 Datasheet HTML 1Page - STMicroelectronics AN4373 Datasheet HTML 2Page - STMicroelectronics AN4373 Datasheet HTML 3Page - STMicroelectronics AN4373 Datasheet HTML 4Page - STMicroelectronics AN4373 Datasheet HTML 5Page - STMicroelectronics AN4373 Datasheet HTML 6Page - STMicroelectronics AN4373 Datasheet HTML 7Page - STMicroelectronics AN4373 Datasheet HTML 8Page - STMicroelectronics AN4373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID025365 Rev 1
5/14
AN4373
Board description
14
17
Parallel input 6
18
Parallel input 7
19
Fault feedback for erroneous communication or thermal junction intervention
20
NC
21
NC
22
Not used
23
NC
24,25
Reserved
26,27
NC
28
GND reference
29,30
NC
Table 3. STEVAL-IFP015V2 electrical specifications (recommended values)
Parameter
Description
Test condition
Typ
Unit
VCC
Main supply voltage
24
V
VDD
Digital voltage supply
3.3 / 5
V
IVcc
Current consumption
VDD = 5 V channels ON
8
mA
VDD = 5 V channels OFF
5
VCLAMP
Supply voltage clamp
48
V
Table 4. STEVAL-IFP015V2 component list
Reference
Description
Component
Part number
CN1
CON30
30 pin connector for
flat cable
C1
100 uF/50 V
Electrolytic capacitor
EEEFP1H101AP
C2
1 uF/50 V
Electrolytic capacitor
Low ESR
GRM31MR71H105KA88L
C3
1 uF/50 V
Ceramic capacitor
C4
4.7 nF Y1/4 kV
Single layer capacitor
high
Voltage
VY1472M63Y5UQ6*V0
C5
4.7 nF Y1 /4 kV
Single layer high
voltage capacitor
VY1472M63Y5UQ6*V0
C7,C8,C9,C10,C11,
C12,C14,C16
22 nF/50 V
Ceramic capacitor
C6
220 nF/10 V
Electrolytic capacitor
low ESR
GRM188R71A224KA01D
Table 2. STEVAL-IFP015V2 30-pin signal connector description (continued)
Pin number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com