Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4397 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4397
Description  Evaluation board for SPV1050 ULP harvester
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4397 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4397 Datasheet HTML 9Page - STMicroelectronics AN4397 Datasheet HTML 10Page - STMicroelectronics AN4397 Datasheet HTML 11Page - STMicroelectronics AN4397 Datasheet HTML 12Page - STMicroelectronics AN4397 Datasheet HTML 13Page - STMicroelectronics AN4397 Datasheet HTML 14Page - STMicroelectronics AN4397 Datasheet HTML 15Page - STMicroelectronics AN4397 Datasheet HTML 16Page - STMicroelectronics AN4397 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025515 Rev 1
13/19
AN4397
Component selection
19
4.2
Input capacitance
Every 16 seconds (typical) the SPV1050 device stops switching for 400 ms. During this time
frame the input capacitor C1 is charged up to VOC by the source: the voltage will rise
according to the time constant (T1), which depends both on its capacitance and on the
equivalent resistance REQ of the source.
In case of PV panel source, assuming IMP as the minimum current at which the MPP must
be guaranteed, the REQ can be calculated as follows:
Equation 5
Consequently:
Equation 6
Figure 10 and Figure 11 show the effect of different value of the C1 on the time constant: too
high capacitance might be not charged within the 400 ms time window affecting the MPPT
precision.
The default C1 = 4.7
F capacitance covers the most typical application range. The energy
extracted from the harvested source, and stored in the input capacitance, is transferred to
the load by the DC-DC converter though the inductor. The energy extracted by inductor
depends by the sink current: the higher input currents causes higher voltage drop on the
input capacitance and this may result a problem for low voltage (< 1 V) and high energy
(> 20 mA) sources. In such application cases the input capacitance has to be increased or,
alternatively the inductance has to be reduced.
The SPV1050 performances might be further improved by reducing the time constant
(e.g. reducing input capacitance) at very low input power.
REQ
VOC VMPP
IMP
--------------------------------
VOC 1MPPRATIO

IMP
-------------------------------------------------------------
==
C1
T1
REQ
-----------
Figure 10. Input stage equivalent circuit
Figure 11. Effect of C1 on sampled voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com