Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4397 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4397
Description  Evaluation board for SPV1050 ULP harvester
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4397 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4397 Datasheet HTML 11Page - STMicroelectronics AN4397 Datasheet HTML 12Page - STMicroelectronics AN4397 Datasheet HTML 13Page - STMicroelectronics AN4397 Datasheet HTML 14Page - STMicroelectronics AN4397 Datasheet HTML 15Page - STMicroelectronics AN4397 Datasheet HTML 16Page - STMicroelectronics AN4397 Datasheet HTML 17Page - STMicroelectronics AN4397 Datasheet HTML 18Page - STMicroelectronics AN4397 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID025515 Rev 1
17/19
AN4397
Board description
19
STORE: connect this pin to the tank capacitor CSTORE.
GND: system ground.
The MPPT function can be disabled by pulling up the pin MPP-SET and unsoldering the
resistor R2. In this case the duty cycle of the switching converter will be regulated according
to the fixed end of charge voltage connected to the J3.
Table 5. CN3 connector
CN4 pin number
12
SPV1050 pin signal
STORE
GND
Table 6. J1, J2, J3: enable/disable MPPT
J1
J2
J3
Function
LEAVE IT OPEN
(signal monitoring)
OPEN: MPPT ENABLED
CLOSE: MPPT
DISABLED(1)
1. The R2 must be unsoldered.
LEAVE OPEN IF J2 IS OPEN.
CONNECT TO EXTERNAL
REFERENCE VOLTAGE IF J2 is
CLOSED
Table 7. SW1, SW2: enable/disable LDOs
SW1
SW2
Function
CLOSE 3 - 4: LDO1 DISABLED
CLOSE 2 - 3: LDO1 ENABLED
FLOATING: EXTERNAL CONTROL BY
CN3
CLOSE 3 - 4: LDO2 DISABLED
CLOSE 2 - 3: LDO2 ENABLED
FLOATING: EXTERNAL CONTROL BY
CN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com