Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4397 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4397
Description  Evaluation board for SPV1050 ULP harvester
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4397 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4397 Datasheet HTML 11Page - STMicroelectronics AN4397 Datasheet HTML 12Page - STMicroelectronics AN4397 Datasheet HTML 13Page - STMicroelectronics AN4397 Datasheet HTML 14Page - STMicroelectronics AN4397 Datasheet HTML 15Page - STMicroelectronics AN4397 Datasheet HTML 16Page - STMicroelectronics AN4397 Datasheet HTML 17Page - STMicroelectronics AN4397 Datasheet HTML 18Page - STMicroelectronics AN4397 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Board description
AN4397
16/19
DocID025515 Rev 1
5
Board description
The STEVAL-ISV020V1 board has a full set of connectors, jumpers and switches as
described below:
VBATT: connect this pin to the positive of the battery.
LDO2: connect this pin to the load to be supplied at 3.3 V.
LDO1: connect this pin to the load to be supplied at 1.8 V.
BATT-CON: output logic pin for battery connection monitoring.
Please notice that this is an open drain pin, which has to be pulled up by a resistor
(typically 10 M
) to a voltage rail lower than VSTORE.
BATT-CHG: output logic pin for battery charging status monitoring.
Please notice that this is an open drain pin, which has to be pulled up by a resistor
(typically 10 M
) to a voltage rail lower than VSTORE.
LDO1_EN: input logic pin to enable/disable the LDO1. Connect this pin to the control
signal from the microcontroller.
LDO2_EN: input logic pin to enable/disable the LDO2. Connect this pin to the control
signal from the microcontroller.
Table 2. CN1 connector
CN1 pin number
12
Signal
INPUT+
INPUT-
Table 3. CN2 connector
CN2 pin number
1
23456
7
8
SPV1050
pin signal
VBATT
GND
LDO2
GND
LDO1
GND
BATT-CON BATT-CHG
Table 4. CN3 connector
CN3 pin number
1
234
SPV1050 pin signal
LDO1_ENGND
GNDLDO2_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com