Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1477 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1477
Description  The STEVAL-IFN004V1 is a demonstration board based
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1477 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1477 Datasheet HTML 5Page - STMicroelectronics UM1477 Datasheet HTML 6Page - STMicroelectronics UM1477 Datasheet HTML 7Page - STMicroelectronics UM1477 Datasheet HTML 8Page - STMicroelectronics UM1477 Datasheet HTML 9Page - STMicroelectronics UM1477 Datasheet HTML 10Page - STMicroelectronics UM1477 Datasheet HTML 11Page - STMicroelectronics UM1477 Datasheet HTML 12Page - STMicroelectronics UM1477 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
UM1477
Schematic, layout, and bill of material
Doc ID 022373 Rev 1
9/22
C5
10 nF/100 V
C6
470 nF
C7
4.7 µF/6.3 V
C8, C18, C19, C20
10 pF/6.3 V
C11
10 nF/6.3 V
C12
10 µF/6.3 V
C14
33 pF/6.3 V
C15
100 pF/6.3 V
C16
4.7 nF/10 V
C22, C23
100 nF/100 V
C24
47 µF/6.3 V
C25
820 pF/6.3 V
C26
10 µF/50 V
D1
BAV99
D2
BAT30
STMicroelectronics
BAT30LFILM
D3, D4, D5
BAT30 (dual parallel)
STMicroelectronics
BAT30-07P6FILM
D6, D7, D8, D9
Yellow LED diode
D10
STPS0560Z
STMicroelectronics
STPS0560Z
D11
Green LED diode
J1
Strip line 1 x 4
J2
Strip line 1 x 5
J3, J4
Strip line 1 x 4 (N.M.)
J5
Strip line 1 x 2 (N.M.)
JP1
Jumper SMD 3 x 1
JP2
Jumper SMD 2 x 1
L1
8.2 µH – 0.5 A
Coilcraft
EPL2010
R1, R5
33 k
Ω
R2, R3, R4
39 k
Ω
R6, R7, R10, R26, R27,
R28, R29, R30
1 k
Ω
R8
0.33
Ω – 1 W
R9
3.3 k
Ω
R11
68 k
Ω
R12
10 k
Ω
R13, R14, R15
2.2 k
Ω
Table 2.
STEVAL-IFN004V1 (continued)
Reference
Part/value
Manufacturer
Manufacturer code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com