Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1477 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1477
Description  The STEVAL-IFN004V1 is a demonstration board based
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1477 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1477 Datasheet HTML 9Page - STMicroelectronics UM1477 Datasheet HTML 10Page - STMicroelectronics UM1477 Datasheet HTML 11Page - STMicroelectronics UM1477 Datasheet HTML 12Page - STMicroelectronics UM1477 Datasheet HTML 13Page - STMicroelectronics UM1477 Datasheet HTML 14Page - STMicroelectronics UM1477 Datasheet HTML 15Page - STMicroelectronics UM1477 Datasheet HTML 16Page - STMicroelectronics UM1477 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
UM1477
General description
Doc ID 022373 Rev 1
13/22
The L6230 integrates a non-dissipative overcurrent detection circuit (OCD) for full
protection.
To implement the overcurrent detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high side power MOSFET. This
current is compared with an internal reference current IREF.
When the output current reaches the detection threshold (typ ISOVER = 2.8 A), the OCD
comparator signals a fault condition. When a fault condition is detected, an internal open
drain MOSFET connected to pin DIAG-EN is turned on. Pin DIAG-EN is to be used to signal
the fault condition to a MCU.
The internal comparator is used for the current control, for more details refer to Section 4.3
which follows.
4.3
Current sensing circuitry
In the 6-step driving method only one sense resistor is needed, the three SENSE pins are
connected together to Rsense (refer to Figure 8).
Figure 8.
Current sensing circuitry
The voltage across the shunt resistor is conditioned by operational amplifiers (TSV991)
which provide the proper feedback signals to the non-inverting input of the L6230 internal
comparator (CP+ pin). The op amp output voltage range is optimized for a given phase
current range and the comparator input dynamics. The op amp output voltage is
proportional to the sense voltage; when the CP+ voltage becomes greater than the
reference voltage applied at inverting input CP-, the comparator open drain output is
switched on pulling down the CPOUT pin.
This signal may be managed by the MCU to generate the proper input sequence for a 6-step
driving method with current control and to select what current decay method to implement.
When the CP+ voltage decreases below the CP- voltage, the open drain is switched off and
the voltage at the CPOUT pin starts to increase charging the capacitor connected to the pin
(C8 in Figure 2 board schematic).
The reference voltage at pin CP- is set according to the sense resistor value and the desired
regulated current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com