Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1477 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1477
Description  The STEVAL-IFN004V1 is a demonstration board based
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1477 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1477 Datasheet HTML 1Page - STMicroelectronics UM1477 Datasheet HTML 2Page - STMicroelectronics UM1477 Datasheet HTML 3Page - STMicroelectronics UM1477 Datasheet HTML 4Page - STMicroelectronics UM1477 Datasheet HTML 5Page - STMicroelectronics UM1477 Datasheet HTML 6Page - STMicroelectronics UM1477 Datasheet HTML 7Page - STMicroelectronics UM1477 Datasheet HTML 8Page - STMicroelectronics UM1477 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
UM1477
Electrical characteristics of the board
Doc ID 022373 Rev 1
5/22
2
Electrical characteristics of the board
Table 1.
STEVAL-IFN004V1 electrical characteristics
Parameter
Description
Value
Unit
VS, Max
Maximum motor supply voltage
48 (1)
1.
Extendable to 52 V, refer to Section 4.1.
V
VS, Min
Minimum motor supply voltage
8
V
Iout
Maximum output current
1.4
Ar.m.s.
Iout, peak
Maximum output peak current
2.8
A
Tj, op
Operating temperature
-25 to +125 °C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com