Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 2 Page - Linear Technology

Part # LM129
Description  6.9V Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129 Datasheet(HTML) 2 Page - Linear Technology

  LM129 Datasheet HTML 1Page - Linear Technology LM129 Datasheet HTML 2Page - Linear Technology LM129 Datasheet HTML 3Page - Linear Technology LM129 Datasheet HTML 4Page - Linear Technology LM129 Datasheet HTML 5Page - Linear Technology LM129 Datasheet HTML 6Page - Linear Technology LM129 Datasheet HTML 7Page - Linear Technology LM129 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM129/LM329
2
129329fd
For more information www.linear.com/LM329
absoluTe MaxiMuM raTings
Operating Temperature Range
LM129 (OBSOLETE) .......................... –55°C to 125°C
LM329 ..................................................... 0°C to 70°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LM129AH#PBF
LM129AH#TRPBF
LM129AH
2-Lead Plastic TO-46 Metal Can
–55°C to 125°C
LM129BH#PBF
LM129BH#TRPBF
LM129BH
2-Lead Plastic TO-46 Metal Can
–55°C to 125°C
LM129CH#PBF
LM129CH#TRPBF
LM129CH
2-Lead Plastic TO-46 Metal Can
–55°C to 125°C
LM329AH#PBF
LM329AH#TRPBF
LM329AH
2-Lead Plastic TO-46 Metal Can
0°C to 70°C
LM329BH#PBF
LM329BH#TRPBF
LM329BH
2-Lead Plastic TO-46 Metal Can
0°C to 70°C
LM329CH#PBF
LM329CH#TRPBF
LM329CH
2-Lead Plastic TO-46 Metal Can
0°C to 70°C
LM329DH#PBF
LM329DH#TRPBF
LM329DH
2-Lead Plastic TO-46 Metal Can
0°C to 70°C
LM329AZ#PBF
LM329AZ#TRPBF
LM329BZ
3-Lead Plastic TO-92
0°C to 70°C
LM329BZ#PBF
LM329BZ#TRPBF
LM329BZ
3-Lead Plastic TO-92
0°C to 70°C
LM329CZ#PBF
LM329CZ#TRPBF
LM329BZ
3-Lead Plastic TO-92
0°C to 70°C
LM329DZ#PBF
LM329DZ#TRPBF
LM329BZ
3-Lead Plastic TO-92
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
BOTTOM VIEW
H PACKAGE
2-LEAD TO-46 METAL CAN
TJMAX = 150°C,
qJA = 440°C/W, qJC = 80°C/W
OBSOLETE PACKAGE
Consider the Z Package for Alternate Source
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
TJMAX = 150°C, qJA = 160°C/W
pin conFiguraTion
Lead Temperature (Soldering, 10 sec) .................. 300°C
Reverse-Breakdown Current ..................................30mA
Forward Current.......................................................2mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com