Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 4 Page - Linear Technology

Part # LM129
Description  6.9V Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129 Datasheet(HTML) 4 Page - Linear Technology

  LM129 Datasheet HTML 1Page - Linear Technology LM129 Datasheet HTML 2Page - Linear Technology LM129 Datasheet HTML 3Page - Linear Technology LM129 Datasheet HTML 4Page - Linear Technology LM129 Datasheet HTML 5Page - Linear Technology LM129 Datasheet HTML 6Page - Linear Technology LM129 Datasheet HTML 7Page - Linear Technology LM129 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM129/LM329
4
129329fd
For more information www.linear.com/LM329
Typical perForMance characTerisTics
FORWARD CURRENT (mA)
0.001
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1.0
10
129329 G04
TA = 25°C
FREQUENCY (Hz)
10
100
100k
129329 G05
50
100
1k
10k
150
TIME (SECONDS)
0
200
129329 G06
50
100
150
250
0.01Hz TO 1Hz
Forward Characteristics
Noise Voltage
Low Frequency Noise Voltage
REVERSE VOLTAGE (V)
6.45
100
10
1.0
0.1
0.01
6.55
6.65
6.75
6.85
129329 G01
6.95
7.05
TJ = 55°C
TJ = 125°C
TJ = 25°C
FREQUENCY (Hz)
10
100
1k
10k
100k
100
10
1.0
0.1
129329 G02
TA = 25°C
TIME (µs)
8
6
4
2
0
14
0
0
100
200
300
129329 G03
400
OUTPUT
INPUT
6.8k
VIN
VOUT
Reverse Characteristics
Dynamic Impedance
Response Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com