Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 3 Page - Linear Technology

Part # LM129
Description  6.9V Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129 Datasheet(HTML) 3 Page - Linear Technology

  LM129 Datasheet HTML 1Page - Linear Technology LM129 Datasheet HTML 2Page - Linear Technology LM129 Datasheet HTML 3Page - Linear Technology LM129 Datasheet HTML 4Page - Linear Technology LM129 Datasheet HTML 5Page - Linear Technology LM129 Datasheet HTML 6Page - Linear Technology LM129 Datasheet HTML 7Page - Linear Technology LM129 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM129/LM329
3
129329fd
For more information www.linear.com/LM329
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
LM129A/
LM129B/LM129C
LM329A/LM329B/
LM329C/LM329D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse-Breakdown Voltage
TA = 25°C, 0.6mA ≤ IR ≤ 15mA
6.7
6.9
7.2
6.6
6.9
7.25
V
∆VZ
∆IR
Reverse-Breakdown Voltage
Change with Current
TA = 25°C, 0.6mA ≤ IR ≤ 15mA
1mA ≤ IR ≤ 15mA
l
9
12
14
9
12
20
mV
mV
∆VZ
∆Temp
Temperature Coefficient
IR = 1mA,
LM129A/LM329A
LM129B/LM329B
LM129C/LM329C
LM329D
l
l
l
l
6
15
30
10
20
50
6
15
30
50
10
20
50
100
ppm/°C
ppm/°C
ppm/°C
ppm/°C
Change in Temperature
Coefficient
1mA ≤ IR ≤ 15mA
l
1
1
ppm/°C
rZ
Dynamic Impedance
TA = 25°C, IR = 1mA
1mA ≤ IR ≤ 15mA
l
0.6
0.8
1
0.8
1
2
Ω
Ω
en
RMS Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
7
20
7
100
µV
∆VZ
∆Time
Long-Term Stability
TA = 45°C ±0.1°C, IR = 1mA ±0.3%
20
20
ppm/kHr
Note 2: To determine the junction temperature as a function of the ambient
temperature, see
qJA for each package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com