Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1300 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1300
Description  Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1300 Datasheet(HTML) 8 Page - Linear Technology

  LT1300 Datasheet HTML 1Page - Linear Technology LT1300 Datasheet HTML 2Page - Linear Technology LT1300 Datasheet HTML 3Page - Linear Technology LT1300 Datasheet HTML 4Page - Linear Technology LT1300 Datasheet HTML 5Page - Linear Technology LT1300 Datasheet HTML 6Page - Linear Technology LT1300 Datasheet HTML 7Page - Linear Technology LT1300 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1300
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
1
2
3
4
0.150 – 0.
(3.810 – 3.
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S8 Package
8-Lead Plastic S0IC
TYPICAL APPLICATIONS N
© LINEAR TECHNOLOGY CORPORATION 1994
LT/GP 0394 10K • PRINTED IN USA
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
Four-Cell to 5V/3.3V Up-Down Converter
N8 Package
8-Lead Plastic DIP
N8 0392
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
+
100µF
22µF
35V
CONTRAST
VOUT –4V TO –29V 12mA
MAXIMUM FROM 1.8V SUPPLY
(77% EFFICIENT)
20mA MAXIMUM FROM
3V SUPPLY (83% EFFICIENT)
2.2µF
SW
PWM IN
0% TO 100%
CMOS DRIVE 0V TO 5V
150K
12K
12K
1
10
8
2
9
3
7
4
ILIM
PGND
GND
SENSE
LT1300
SELECT
LT1300 TA6
1N5819
T1
T1 = DALE LPE-5047-AO45 (605) 665-9301
SHDN
SHUTDOWN
N/C
N/C
VIN
VIN
1.8V TO 6V
+
+
1N5817
2N4403
5V, 200mA
+
L1*
10µH
*SUMIDA CD54-100LC
COILCRAFT DO3316-223
100µF
100µF
470
Ω
0.1µF
2
×
AA
CELL
SW
ILIM
PGND
GND
SENSE
LT1300
SELECT
LT1300 TA5
SHDN
NC
SHUTDOWN
VIN
+
Step-Up Converter with Automatic Output Disconnect
LCD Contrast Supply
1N5817
5V/3.3V
220mA
80% EFFICIENT
+
L1*
27µH
*L1, L2 = GOWANDA GA20-272K
COILCRAFT DO3316-273K
SUMIDA CD73-270K
**C1, C2, C3 = SANYO OS-CON 16SA100M
L2*
27µH
C1**
100µF
C2**
100µF
C3**
100µF
4
×
AA
CELL
SW
ILIM
PGND
GND
SENSE
LT1300
SELECT
LT1300 TA3
5V/3.3V
2.5V
≤ VIN ≤ 8V
SHDN
SHUTDOWN
N/C
VIN
+
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com