Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1300 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1300
Description  Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1300 Datasheet(HTML) 5 Page - Linear Technology

  LT1300 Datasheet HTML 1Page - Linear Technology LT1300 Datasheet HTML 2Page - Linear Technology LT1300 Datasheet HTML 3Page - Linear Technology LT1300 Datasheet HTML 4Page - Linear Technology LT1300 Datasheet HTML 5Page - Linear Technology LT1300 Datasheet HTML 6Page - Linear Technology LT1300 Datasheet HTML 7Page - Linear Technology LT1300 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1300
TEST CIRCUITS
Oscillator Test Circuit
OPERATION
20
µs/DIV
reduced by tying the ILIM pin to ground, causing 15µA to
flow through R2 into Q3’s collector. Q3’s current causes
a 10.4mV drop in R2 so that only an additional 7.6mV is
required across R1 to turn off the switch. This corre-
sponds to a 400mA switch current as shown in Figure 2,
trace B. The reduced peak switch current reduces I2R
loses in Q1, L1, C1 and D1. Efficiency can be increased by
doing this provided that the accompanying reduction in
full load output current is acceptable. Lower peak currents
also extend alkaline battery life due to the alkaline cell’s
high internal impedance. Typical operating waveforms are
shown in Figure 3.
Operation of the LT1300 is best understood by referring to
the Block Diagram in Figure 1. When A1’s negative input,
related to the Sense pin voltage by the appropriate resis-
tor-divider ratio, is higher that the 1.25V reference voltage,
A1’s output is low. A2, A3 and the oscillator are turned off,
drawing no current. Only the reference and A1 consume
current, typically 120
µA. When the voltage at A1’s nega-
tive input decreases below 1.25V, overcoming A1’s 6mV
hysteresis, A1’s output goes high, enabling the oscillator,
current comparator A2, and driver A3. Quiescent current
increases to 2mA as the device prepares for high current
switching. Q1 then turns on in a controlled saturation for
(nominally) 5.3
µs or until current comparator A2 trips,
whichever comes first. After a fixed off-time of (nominally)
1.2
µs, Q1 turns on again. The LT1300’s switching causes
current to alternately build up in L1 and dump into capaci-
tor C2 via D1, increasing the output voltage. When the
output is high enough to cause A1’s output to go to low,
switching action ceases. C2 is left to supply current to the
load until VOUT decreases enough to force A1’s output
high, and the entire cycle repeats.
If switch current reaches 1A, causing A2 to trip, switch on-
time is reduced and off-time increases slightly. This allows
continuous mode operation during bursts. Current com-
parator A2 monitors the voltage across 3
Ω resistor R1
which is directly related to inductor L1’s current. Q2’s
collector current is set by the emitter-area ratio to 0.6%
of Q1’s collector current. When R1’s voltage drop exceeds
18mV, corresponding to 1A inductor current, A2’s output
goes high, truncating the on-time portion of the oscillator
cycle and increasing off-time to about 2
µs as shown in
Figure 2, trace A. This programmed peak current can be
Figure 3. Burst Mode Operation in Action
TRACE B
500mA/DIV
ILIM PIN
GROUNDED
LT1300 F2
Figure 2. Switch Pin Current With ILIM Floating or Grounded
TRACE A
500mA/DIV
ILIM PIN
OPEN
VOUT
20mV/DIV
AC COUPLED
VSW
5V/DIV
ISW
IA/DIV
20
µS/DIV
LT1300 F2
2V
100µF
VIN
SEL
SENSE
GND
PGND
SHDN
SW
LT1300
IL
100
Ω
5V
fOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com