Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1300 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1300
Description  Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1300 Datasheet(HTML) 4 Page - Linear Technology

  LT1300 Datasheet HTML 1Page - Linear Technology LT1300 Datasheet HTML 2Page - Linear Technology LT1300 Datasheet HTML 3Page - Linear Technology LT1300 Datasheet HTML 4Page - Linear Technology LT1300 Datasheet HTML 5Page - Linear Technology LT1300 Datasheet HTML 6Page - Linear Technology LT1300 Datasheet HTML 7Page - Linear Technology LT1300 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1300
PIN FUNCTIONS
GND (Pin 1): Signal Ground.
Sel (Pin 2): Output Select. When tied to VIN or VOUT
converter regulates at 5V. When grounded converter
regulates at 3.3V.
SHDN (Pin 3): Shutdown. Pull high to effect shutdown. Tie
to ground for normal operation.
Sense (Pin 4): “Output” Pin.
ILIM (Pin 5): Float for 1A switch current limit. Tie to ground
for approximately 400mA. A resistor between ILIM and
ground sets peak current to some intermediate value (see
Figure 5).
VIN (Pin 6): Supply Pin. Must be bypassed with a large
value electrolytic to ground. A 0.1
µF ceramic capacitor
close to the pin may be needed in some cases.
SW (Pin 7): Switch Pin. Connect inductor and diode here.
Keep layout short and direct to minimize electronic radia-
tion.
PGND (Pin 8): Power Ground. Tie to signal ground (pin 1)
under the package. Bypass capacitor from VIN should be
tied directly to the pin.
Figure 1.
BLOCK DIAGRAM
OSCILLATOR
155kHZ
R2
730
Ω
C2
SW
R1
3
Ω
Q2
1x
Q1
160x
18mV
OFF
VIN
VIN
ILIM
PGND
VOUT
ENABLE
A1
COMPARATOR
–
+
+
+
–
+
1.25V
REFERENCE
L1
D1
7
2
4
SENSE
A2 CURRENT
COMPARATOR
A3 DRIVER
BIAS
Q3
8.5k
58
SHUTDOWN
3
SELECT
2
GND
161k
144k
500k
C1
1
LT1300 F1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com