Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN579 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN579
Description  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 Datasheet(HTML) 2 Page - STMicroelectronics

  AN579 Datasheet HTML 1Page - STMicroelectronics AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AN579 APPLICATION NOTE
2/10
Figure 2. Lightning phenomenon
Figure 3. Direct lightning strike
Figure 3 shows the first case which is produced mainly on overhead lines.
Induced shock is more frequent than a direct shock. Lightning strikes the ground and a current flows in the
cable shield. This current produces a voltage gradient which in some places is above the insulation capa-
bility of the cable material (see Figure 4).
Figure 4. Direct lightning strike
Proximity and crossing with AC mains lines:
For these kinds of surges two cases may be seen:
The first one is due to the falling of an AC mains cable on a telephone line.
The second case is produced by the proximity of a subcriber line with an AC mains line or equipment
(mainly capacitive coupling). It is interesting to note for these types of disturbances a RMS value of a few
Amps for a duration of between 1s and 15min.
+ + + + + + +
- - - - - - -
GROUND
IONOSPHERE
CLOUD
12
3
45
6
78
9
*
0#
CENTRAL
OFFICE
SUBSCRIBER
CENTRAL
OFFICE
12
3
45
6
78
9
*
0#



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com