Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN579 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN579
Description  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 Datasheet(HTML) 3 Page - STMicroelectronics

  AN579 Datasheet HTML 1Page - STMicroelectronics AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
AN579 APPLICATION NOTE
PRIMARY AND SECONDARY PROTECTION
Figures 2, 3 and 4 give us an idea of the energy which may appear on the lines. In the field these surge
values are lower due to the losses of ground resistance, the capacitive coupling and so on, but are signi-
fiant nevertheless.
We have to divide these disturbances into two families:
– High peak value and short duration (lightning).
– Short peak value and long duration (crossing with AC power).
For both cases the present state of the art of silicon protection devices does not permit the suppression
of these levels of energy.
A second parameter to keep in mind is the very low clamping factor1 needed by the IC’s used to realize
the line interface. This forces the designer to use a protection solution with silicon (fast response time/low
clamping factor).
High energy values and low clamping factor impose two protection levels.
Note: 1. The clamping factor is the ratio of the normal operating voltage over the maximum clamping voltage.
Figure 5. Primary/secondary protection topology
The first level called primary protection (see Figure 5) located on the connecting terminal of the exchange,
suppresses the major part of the disturbance. The second level called secondary protection reduces the
remaining overvoltage.
LINE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com