Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN579 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN579
Description  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 Datasheet(HTML) 4 Page - STMicroelectronics

  AN579 Datasheet HTML 1Page - STMicroelectronics AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AN579 APPLICATION NOTE
4/10
Figure 6. Primary/secondary protection topology
Figure 6 shows the goal of both protection levels.
In this example the surge across the line without protection will be several 10kV peak value for several
10ms duration (Figure 6A).
After the primary protection the major part of the energy is cancelled (Figure 6B). The remaining overvolt-
age may be a few kV (depending on the dv/dt of the surge and the surge arrestor technology used).
Across the second level protection the voltage does not exceed a few 10 Volts.
Primary protection:
Actually two kinds of primary protection are used:
– Carbon gaps.
–Gas tubes.
Figure 7. Carbon gap based primary protection
Carbon gaps: These components are made by two carbon electrodes. The carbon gap is a low cost pri-
mary protection but it has two major disadvantages:
– its short life duration
– its variable spark threshold.
t < 1ms
1 to 4 kV
B
t > 50ms
V peak
>
20kV
A
Few 10V
C
A: Overvoltage across the line without protection.
B: Remaining voltage after the primary level action.
C: Remaining voltage after the secondary level action.
Zl
Zl
LINE
EXCHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com