Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRB100 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # CSRB100
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CSRB100 Datasheet(HTML) 1 Page - Compact Technology Corp.

  CSRB100 Datasheet HTML 1Page - Compact Technology Corp. CSRB100 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSRB120 thru CSRB1200
V0.0 2012-06
http://ctc-semicon.com
P1/2
PARAMETER
SYMBOL
CSRB
120
CSRB
130
CSRB
140
CSRB
160
CSRB
180
CSRB
1100
CSRB
1150
CSRB
1200
UNIT
Maximum recurrent peak reverse voltage
VRRM
20
30
40
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
60
80
100
150
200
V
maximum average forward rectified current
IF
1.0
A
Peak forward surge current,8.3mssingle
half sine-wave superim posed on rated load
IFSM
30.0
A
Maximum instantaneous@25°C
VF
0.52
0.66
0.83
0.87
0.90
V
Marking code
C2
C3
C4
C6
C8
CA
CB
CC
Maximum DC Reverse Current
at Rated DC Blocking Voltage@25°C
IR
0.5
0.2
mA
Typical Junction Capacitance(note1)
CJ
100
70
50
30
pF
Typical Thermal Resistance(note2)
RθJa
100
°C/W
Operating Temperature Range
TJ
-50~150
°C
Storage Temperature Range
TSTG
-65~175
°C
NOTES:
1.
Measured at 1MHz and applied reverse of 4V DC.
2.
Device mounted on FR-4 substrate,1
”*1”,2oz,single-sided,PC boards with 0.1”*0.15 copper pad.
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE
- 20 to 200 Volts
FORWARD CURRENT - 1.0 Ampere
FEATURES
‧ High Current Capability
‧ Extremely Low Thermal Resistance
‧ For Surface Mount Application
‧ Higher Temp Soldering:250°C for 10
Seconds at Terminals
‧ Low Forward Voltage
‧ RoHS Compliant Product
‧ AEC-Q101 qualified
MECHANICAL DATA
‧ Case: SOD-123FL
‧ Case Material:Molded Plastic. UL
‧ Flammability Classification Rating 94V-0
‧ Terminals:Lead Free Plating (Tin Finish)
‧ Soldurable per MIL-STD-202,Method 208
‧ Polarity:Cathode Band
‧ Weight:0.015 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
SOD-123
0.154(3.90)
0.075(1.90)
0.130(3.30)
0.045(1.15)
0.032(0.81)
0.053(1.35)
0.031(0.80)
0.110(2.80)
0.012(0.30)
0.002(0.05)
0.102(2.60)
0.067(1.70)


Similar Part No. - CSRB100

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CSRB140 CTC-CSRB140 Datasheet
45Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
CSRB160 CTC-CSRB160 Datasheet
45Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CSRB100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com