Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1703 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 9Page - STMicroelectronics AN1703 Datasheet HTML 10Page - STMicroelectronics AN1703 Datasheet HTML 11Page - STMicroelectronics AN1703 Datasheet HTML 12Page - STMicroelectronics AN1703 Datasheet HTML 13Page - STMicroelectronics AN1703 Datasheet HTML 14Page - STMicroelectronics AN1703 Datasheet HTML 15Page - STMicroelectronics AN1703 Datasheet HTML 16Page - STMicroelectronics AN1703 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN1703 - APPLICATION NOTE
13/22
8. PowerFLAT™ (5x5) and PowerFLAT™ (6x5)
PowerFLAT, in both (5x5) and (6x5) versions, depending on the package body size in (mm x mm), allows
substantially bigger die capability with respect to the old-fashioned SO-8, still with reduced height and
weight. This in turn translates into a remarkable board space reduction. Furthermore, the lower profile
(1mm) allows higher operation frequency due to less inductance.
The leads are accommodated into the plastic body in such a way that a perfect co-planarity in assured.
Also a better thermal impedance is achieved by means of the exposed pad that provides a thermal path
from the die attached copper frame directly to the PCB.
The above features are exactly what designers demand in making their designs increasingly more
efficient.
Not only is the PowerFLAT (5x5) smaller, but it also differs from PowerFLAT (6x5) in the way the pads are
connected to the package. In fact, in PowerFLAT (5x5) the source terminals are on both sides while the
drain coincides with the exposed back metal side only. The PowerFLAT (6x5) case is pin to pin compatible
with a standard SO-8 package, it can house a larger die, and the exposed pad is connected to the drain
as well.
Figure 19: PowerFLAT (5x5) and PowerFLAT (6x5)
Figure 20 shows minimum recommended footprints for both types of PowerFLAT.
Figure 20:PowerFLAT (5x5) (a) and PowerFLAT (6x5) (b) minimum recommended footprints (all
dimension are in mm)
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com