Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1703 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 14Page - STMicroelectronics AN1703 Datasheet HTML 15Page - STMicroelectronics AN1703 Datasheet HTML 16Page - STMicroelectronics AN1703 Datasheet HTML 17Page - STMicroelectronics AN1703 Datasheet HTML 18Page - STMicroelectronics AN1703 Datasheet HTML 19Page - STMicroelectronics AN1703 Datasheet HTML 20Page - STMicroelectronics AN1703 Datasheet HTML 21Page - STMicroelectronics AN1703 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
AN1703 - APPLICATION NOTE
22/22
Any solder temperature profile should be within these limits. The soldering process causes considerable
thermal stress to a semiconductor component. This has to be minimized to ensure a reliable and extended
lifetime of the device. When the entire device is heated to a high temperature, failure to complete soldering
within a short time could result in device failure. Therefore, in order to minimize the thermal stress to which
the devices are subject, the device should always be preheated (max 120sec at 125
± 25°C). Soldering
a device without preheating can cause excessive thermal shock and stress that can result in damage to
the device.
Voids pose a difficult reliability problem for large surface mount devices. Pockets of air under the package
result in poor thermal contact and the resulting high thermal resistance leads to complete failure. Because
of co-planarity problems, weight balance is critical.
The quality of the solder joints is very important for two reasons: firstly, poor quality solder joints result
directly in poor reliability, and secondly, solder thickness significantly affects the thermal resistance. Thus
a tight control of this parameter results in thermally efficient and reliable solder joints. Thermal conductivity
in the region of 0.5°C/W can easily be lost through uneven solder and poor co-planarity of tabs and leads.
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no
responsibility for the consequences of use of such information nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Isreal - Italy - Japan
- Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com