Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1703 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1703
Description  GUIDELINES FOR USING ST?셎 MOSFET SMD PACKAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1703 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1703 Datasheet HTML 14Page - STMicroelectronics AN1703 Datasheet HTML 15Page - STMicroelectronics AN1703 Datasheet HTML 16Page - STMicroelectronics AN1703 Datasheet HTML 17Page - STMicroelectronics AN1703 Datasheet HTML 18Page - STMicroelectronics AN1703 Datasheet HTML 19Page - STMicroelectronics AN1703 Datasheet HTML 20Page - STMicroelectronics AN1703 Datasheet HTML 21Page - STMicroelectronics AN1703 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AN1703 - APPLICATION NOTE
21/22
First of all we have to note that the maximum allowable power dissipation for the newest small packages
(PowerFLAT and PowerSO-8) is quite similar to that for DPAK but require approximately half the PC board
space. This advantage is more impressive if we note that the max die housed in PowerFLAT (6x5 version)
is about 30% greater than those in DPAK. Also SOT-223 has a high thermal performance, but the max die
housed is half that of those for DPAK and PowerSO-8.
Since several automotive applications require devices rated at 175 °C, up to now only the standard SMD
packages (D2PAK, DPAK, PowerSO-10) are automotive graded. These packages have been designed to
withstand the high stresses in under-hood applications.
12. SOLDERING PROFILE
The most commonly used techniques for mounting SMD packages to the PCB are infrared and vapor
phase reflow. These are preferred over wave soldering because this typically involves increased heating
rate, higher temperatures and increased flux exposure.
The infrared reflow technique involves thermal energy supplied via lamps radiating at given wavelengths.
Therefore, the amount of thermal energy absorbed varies with board size, component size, component
orientation, and materials used. The surface temperature of the board is not uniform and the board edges
tend to run 10°C to 20°C higher than the center.
The vapor phase reflow technique uses vapor from a boiling inert fluorocarbon liquid. The heat of
condensation provides a thermal constraint dependent on the liquid selected. With essentially no
temperature gradient across the surface of the board, component location design rules even for heating
is not significant compared to infrared reflow.
The theoretical solder reflow temperature profile used, and the temperatures and time duration are shown
in the next figure:
Figure 30: Soldering profile, recommended reflow oven profile
Temp.
°C
Time (sec)
* Package volume < 350mm3 / Package thickness < 2.5mm
** Package volume
≥ 350mm3 / Package thickness < 2.5mm and all BGAs
* Tmax=235 +5 / -0
°C
** Tmax=220 +5 / -0
°C
max 20 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com