Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2386 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 10Page - STMicroelectronics AN2386 Datasheet HTML 11Page - STMicroelectronics AN2386 Datasheet HTML 12Page - STMicroelectronics AN2386 Datasheet HTML 13Page - STMicroelectronics AN2386 Datasheet HTML 14Page - STMicroelectronics AN2386 Datasheet HTML 15Page - STMicroelectronics AN2386 Datasheet HTML 16Page - STMicroelectronics AN2386 Datasheet HTML 17Page - STMicroelectronics AN2386 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Some considerations on VTH and TVTC equations and real examples
AN2386
14/30
2
Some considerations on VTH and TVTC equations
and real examples
Looking at (Equation 30) it is possible see that the threshold voltage is the sum of three
components: the metal-oxide work function (it is negative when the polysilicon is of n-type
and the silicon substrate is of p-type, while, it is positive when the polysilicon is of p-type),
two times the Fermi potential (it is positive for p-type silicon substrate) and the voltage drop
on the oxide (it is positive for a p-type silicon substrate). TVTC (see Equation 42) also
depends on three contributes: the metal-oxide work function divided by the temperature (it is
a negative value for n-type gate doped in p-type silicon), two times the Fermi potential
divided by the temperature (for a p-type silicon it is a positive value) and a third contribute
function of the Fermi potential thermal coefficient and other parameters as the oxide
thickness and the body concentration of impurity (it is a negative contribute because of its
negative the Fermi potential thermal coefficient).
Considering low voltage power MOSFETs working in linear zone in applications like air fans,
it is important have devices with standard threshold voltage (around 3V in ambient
temperature) and very low TVTC in absolute value, in order to avoid the thermal instability
behavior that could bring the component to fail.
The modern MOSFETs have TVTC in the negative value range (it becomes more negative
when the temperature increases). Therefore, when the device works in linear zone, a power
pulse is dissipated on the component, the temperature increases, the threshold voltage
decreases and the drain current rises.
To avoid the thermal run-away of the device, it is important to minimize the TVTC in absolute
value. The parameters that make TVTC negative, considering an n-type gate and p-type
silicon, are the metal-oxide work functions divided by the temperature and the term of the
Fermi potential thermal coefficient. Instead, the parameter that makes TVTC positive is the
Fermi potential divided by the temperature (T). As shown in (Equation 32), the metal-oxide
work function divided by T depends on the doping concentration of the gate, silicon and the
intrinsic carrier concentration. This parameter increases in absolute value, increasing the
doping concentration of the gate or substrate, while it decreases in absolute value when the
temperature increases because of the intrinsic carrier concentration increases too. In order
to minimize this parameter, the gate and substrate doping concentration must be lowered.
The Fermi potential divided by T depends on the doping concentration of the substrate and
the intrinsic concentration of the carriers. When the doping concentration of the substrate
increases, the parameter also increases its value. By increasing the temperature, the
parameter decreases because the intrinsic carrier concentration increases. In order to
maximize the parameter, the substrate doping concentration should be increased.
The threshold voltage thermal coefficient (see Equation 41) depends on the Fermi potential
divided by T, minus a constant and minus a term function of the inverse of T. Its value is
negative because the parameter with the minus sign is generally higher than the term, due
to the Fermi potential divided by T. When the temperature increases, the parameter also
increases in absolute value because the Fermi potential decreases too. Thus, in order to
minimize the Fermi potential thermal coefficient, the substrate doping concentration must be
increased. However, the third term of (Equation 42), as previously explained, also depends
on the substrate doping concentration root-square. Therefore, considering the modern
MOSFET technology, this term increases in absolute value when the substrate doping
concentration also increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com