Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2386 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 17Page - STMicroelectronics AN2386 Datasheet HTML 18Page - STMicroelectronics AN2386 Datasheet HTML 19Page - STMicroelectronics AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics AN2386 Datasheet HTML 24Page - STMicroelectronics AN2386 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN2386
Some considerations on VTH and TVTC equations and real examples
21/30
Figure 16.
DEVICE1 TVTC simulated data - comparison between different tox
When the oxide thickness increases from 470Å to 500Å, the threshold voltage increases its
value and also TVTC increases in absolute value and vice versa, decreases the thickness
oxide from 470Å to 350Å. Now, it is possible simulate VTH and TVTC supposing that the
temperature is fixed to 300K and the gate doping concentration changes in the range of
1e+18-1.5e+20cm-3 (see Figure 17. and Figure 18.).
Figure 17.
DEVICE1 VTH simulated data - fixing T and acting on Ng
Figure 18.
DEVICE1 TVTC simulated data - fixing T and acting on Ng
The graph in Figure 19. and Figure 20. show VTH and TVTC trend fixing the temperature to
300K and changing Na in the range of 1e+16-6.1e+17cm
-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com