Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2386 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 19Page - STMicroelectronics AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics AN2386 Datasheet HTML 24Page - STMicroelectronics AN2386 Datasheet HTML 25Page - STMicroelectronics AN2386 Datasheet HTML 26Page - STMicroelectronics AN2386 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN2386
Some considerations on VTH and TVTC equations and real examples
23/30
Figure 22.
DEVICE1 TVTC simulated data - fixing T and acting on tox
The next graphs show the simulated data of VTH and TVTC considering DEVICE1 and a
hypothetical new device with standard threshold voltage and minimized TVTC. This device
is obtained changing on Na, Ng and tox together. For example, this new device has Ng is
equal to 1e+18cm-3, Na is equal to 3e+17cm
-3 and tox is equal to 350Å.
Figure 23.
VTH simulated data - comparison between DEVICE1 and the new device
Figure 24.
TVTC simulated data - comparison between DEVICE1 and the new device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com