Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3338 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 48Page - STMicroelectronics AN3338 Datasheet HTML 49Page - STMicroelectronics AN3338 Datasheet HTML 50Page - STMicroelectronics AN3338 Datasheet HTML 51Page - STMicroelectronics AN3338 Datasheet HTML 52Page - STMicroelectronics AN3338 Datasheet HTML 53Page - STMicroelectronics AN3338 Datasheet HTML 54Page - STMicroelectronics AN3338 Datasheet HTML 55Page - STMicroelectronics AN3338 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Package
AN3338
52/72
Doc ID 18441 Rev 4
Positive DC-link
Pin: P
•
These are three DC-link positive power supply pins of the inverter, which offer
designers more flexibility in their approach. They are internally connected to the
collectors of the high-side IGBTs.
•
To suppress the surge voltage caused by the DC-link wiring or PCB pattern inductance,
connect decoupling capacitors close to
this pin and power ground (typically, high
frequency, high voltage, non-inductive capacitors of about 0.1 or 0.22
μF are used).
Negative DC-link
Pins: NU, NV, NW
•
These are the DC-link negative power supply pins (power ground) of the inverter.
•
These pins are connected to the low side IGBT emitters of each phase.
•
The power ground of the application should be separated from the logic ground of the
system and they should be reconnected at one specific point (star connection).
Inverter power output
Pins: U, V, W
•
Inverter output pins for connecting to the inverter load (e.g. motor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com