Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3338 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics AN3338 Datasheet HTML 30Page - STMicroelectronics AN3338 Datasheet HTML 31Page - STMicroelectronics AN3338 Datasheet HTML 32Page - STMicroelectronics AN3338 Datasheet HTML 33Page - STMicroelectronics AN3338 Datasheet HTML 34Page - STMicroelectronics AN3338 Datasheet HTML 35Page - STMicroelectronics AN3338 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Electrical characteristics and functions
AN3338
32/72
Doc ID 18441 Rev 4
For a proper sizing of the voltage divider, first of all the maximum allowed temperature level
(TOT_Max) must be fixed, consequently the thermistor resistance is given by Equation 7, as
well as by
Figure 19. The value of ROT resistance can be calculated by using the voltage
divider formula:
Equation 8
taking into account that, if T = TOT_Max then V
-(T
OT_Max) = VNTC_th.
The maximum allowed power on the thermistor should not exceed 50 mW in all the
operating range, in order to guarantee a safe working condition and avoid power
consumption affecting the temperature measurement through self-heating. Therefore,
considering (T = TOT_Max), it must be:
Equation 9
Finally, to increase the noise immunity of the NTC thermistor, it is recommended to parallel a
decoupling capacitor (COT), whose value must be between 10 to 100 nF.
2.3.11
Op amps for advanced current sensing
The SLLIMM devices, in the SDIP-38L package, integrate also three operational amplifiers
optimized for field oriented control (FOC) applications. In a typical FOC application the
currents in the three half bridges are sensed using a shunt resistor. The analog current
information is transformed into a discontinuous sense voltage signal, having the same
frequency as the PWM signal driving the bridge. The sense voltage is a bipolar analog
signal, whose sign depends on the direction of the current (see
Figure 21):
DD
OT
NTC
OT
V
R
)
T
(
R
R
)
T
(
V
⋅
+
=
−
mW
50
R
R
V
R
I
R
2
OT
NTC
DD
NTC
2
NTC
≤


+
⋅
=
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com