Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3338 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 24Page - STMicroelectronics AN3338 Datasheet HTML 25Page - STMicroelectronics AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics AN3338 Datasheet HTML 30Page - STMicroelectronics AN3338 Datasheet HTML 31Page - STMicroelectronics AN3338 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Electrical characteristics and functions
AN3338
28/72
Doc ID 18441 Rev 4
For these reasons, the shunt resistor and the filtering components must be placed as close
as possible to the SLLIMM pins, for additional suggestions refer to
Section 5.1: Layout
suggestions.
The value of the current sense resistor can be calculated by following different guidelines,
functions of the design specifications, or requirements. A common criterion is presented
here based on the following steps:
•
Defining of the overcurrent threshold value (IOC_th). For example, it can be fixed
considering the IGBT typical working current in the application and adding 20-30% as
overcurrent.
•
Calculation of the shunt resistor value according to the conditioning network. An
example of the conditioning network is shown in
Figure 22. Further details can be
found in the user manuals listed (see References
7, References 8, and References 9).
•
Selection of the closest shunt resistor commercial value.
•
Calculation of the power rating of the shunt resistor, taking into account that this
parameter is strongly temperature dependent. Therefore, the power derating ratio of
the shunt resistor,
ΔP(T)%, shown in the manufacturer's datasheet, must be considered
in the calculation as follows:
Equation 4
where IRMS is the IGBT RMS working current.
For a proper selection of the shunt resistor, a safety margin of at least 30% is recommended
on the calculated power rating.
)%
T
(
P
I
R
)
T
(
P
2
RMS
SHUNT
SHUNT
Δ
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com