Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4337 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4337
Description  power MOSFETs are considered rugged with respect to the avalanche
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4337 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4337 Datasheet HTML 3Page - STMicroelectronics AN4337 Datasheet HTML 4Page - STMicroelectronics AN4337 Datasheet HTML 5Page - STMicroelectronics AN4337 Datasheet HTML 6Page - STMicroelectronics AN4337 Datasheet HTML 7Page - STMicroelectronics AN4337 Datasheet HTML 8Page - STMicroelectronics AN4337 Datasheet HTML 9Page - STMicroelectronics AN4337 Datasheet HTML 10Page - STMicroelectronics AN4337 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID025012 Rev 1
7/14
AN4337
IAR and EAS electrical thermal approach
14
With the following conditions derived from 30 W flyback converter:
•
Maximum avalanche current Ip=4 A.
•
Starting temperature 25 °C.
•
Primary inductance value Lprimary=550 µH.
•
Leakage inductance ~ 13 µH.
•
Transformer ratio N=2.
•
Output voltage Vout=48 V
In these conditions, the energy due to the leakage inductance is 123 µJ. This is the
maximum avalanche energy that the MOSFET device must sustain during breakdown. If we
presume the case temperature to be fixed at 25 °C, we can estimate the temperature
increase due to the avalanche single pulse power dissipation via the following equation:
Equation 4
Where ∆t ~ 100 ns is the avalanche pulse duration (Equation 2).
With:
Equation 5
K thermal transient depends on the duration of the pulse. It can be estimated through the
thermal impedance curve using the following equation:
Equation 6
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-c
Thermal resistance junction-case max
4.17 (TO-220FP)
⁰
C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
⁰
C/W
t
E
Zth
T
avalanche
c
j
c
j
∆
⋅
=
∆
−
−
2
c
j
c
j
Rth
t
K
t
Zth
−
−
⋅
∆
=
∆
)
(
)
(
ns
ns
K
K
s
ns
100000
100
)
100
(
)
100
(
⋅
=
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com