Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4337 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4337
Description  power MOSFETs are considered rugged with respect to the avalanche
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4337 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4337 Datasheet HTML 6Page - STMicroelectronics AN4337 Datasheet HTML 7Page - STMicroelectronics AN4337 Datasheet HTML 8Page - STMicroelectronics AN4337 Datasheet HTML 9Page - STMicroelectronics AN4337 Datasheet HTML 10Page - STMicroelectronics AN4337 Datasheet HTML 11Page - STMicroelectronics AN4337 Datasheet HTML 12Page - STMicroelectronics AN4337 Datasheet HTML 13Page - STMicroelectronics AN4337 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IAR and EAS electrical thermal approach
AN4337
10/14
DocID025012 Rev 1
from the application, it is rather improbable that a MOSFET device will fail for EAS single
pulse avalanche energy.
This approach suggests that during an avalanche phenomenon, the IAR parameter should
be addressed rather than the EAS one.
3.2
IAR electrical evaluations
IAR parameter defines the maximum avalanche current without any bipolar latching
phenomenon. This parameter doesn't depend on the avalanche energy, which means the
MOSFET device is safe if the avalanche energy is lower than the EAS datasheet
specification and the avalanche current is lower than IAR absolute maximum rating; vice
versa, the MOSFET is certainly safe if the maximum avalanche current is lower than IAR.
This last assertion is validated by the result of Equation 15; in fact, any leakage inductance
in a real flyback converter can have the value of 5.8 mH.
As already mentioned, this suggests that the avalanche current parameter needs to be
monitored more than avalanche energy.
The worst case scenario during the avalanche phenomenon is when the ferromagnetic core
of the flyback transformer becomes saturated. Due to the uncontrolled saturation effect, the
current peak may be very high and hence dangerously close to the IAR specification.
Below is a waveform with typical saturation phenomenon during the avalanche.
Figure 6. Saturation phenomenon during the avalanche
In this condition, two methods exist to increase the safety margin in terms of IAR avalanche
current.
The first one is to optimize the driving and the network circuit in order to avoid the avalanche
phenomenon. The snubber increase, a different clamp circuit and/or input capacitance
increase can satisfy this requirement.
Here some examples:
AM15968v1
Saturation effect
Vbreakdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com