Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4337 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4337
Description  power MOSFETs are considered rugged with respect to the avalanche
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4337 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4337 Datasheet HTML 1Page - STMicroelectronics AN4337 Datasheet HTML 2Page - STMicroelectronics AN4337 Datasheet HTML 3Page - STMicroelectronics AN4337 Datasheet HTML 4Page - STMicroelectronics AN4337 Datasheet HTML 5Page - STMicroelectronics AN4337 Datasheet HTML 6Page - STMicroelectronics AN4337 Datasheet HTML 7Page - STMicroelectronics AN4337 Datasheet HTML 8Page - STMicroelectronics AN4337 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025012 Rev 1
3/14
AN4337
Avalanche failure mode
14
1
Avalanche failure mode
Power MOSFETs have an intrinsic bipolar transistor in their structure. This vertical device,
as illustrated in Figure 1, consists of the P+ diffusion, the N- epitaxial layer and the N+
substrate with the base-emitter junction shorted by the source metalization, forming the
“Body Diode”. At the OFF-state, this non-symmetrical structure is reverse bias. The
maximum reverse bias voltage that can be applied to a p-n body diode is limited by
breakdown. When the applied voltage exceeds breakdown, a critical electrical field is
reached and the carriers in the transition region are consequently accelerated to energies
sufficient to free electron-hole pairs via collisions with bound electrons. This mechanism,
known as Avalanche phenomenon, causes an electrical current multiplication that can allow
very large currents within materials. Basically, the breakdown mechanism is not destructive
for a p-n junction, however, heating caused by the large breakdown current and high
breakdown voltage can damage a MOSFET device. In particular, two mechanisms can
generate the failure of MOSFETs. The first one occurs because of the creation of thermally
generated carriers in the epitaxial/bulk region and hence the creation of hot spots. The
second one depends on the avalanche current: if this current creates an increasing voltage
drop across the RB resistor (see Figure 1) sufficient to forward bias the parasitic BJT, it turns
on, with potentially catastrophic results as control of the switch is lost. Due to these “failure
modes”, the EAS and IAR parameters have been defined and inserted in the datasheets as
absolute maximum ratings. EAS is the maximum avalanche energy that can be dissipated in
the device during a single avalanche operation, while IAR is the maximum avalanche current
without any bipolar latch up.
Figure 1. MOSFET inside structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com