Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4662 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4662
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4662 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4662 Datasheet HTML 17Page - STMicroelectronics AN4662 Datasheet HTML 18Page - STMicroelectronics AN4662 Datasheet HTML 19Page - STMicroelectronics AN4662 Datasheet HTML 20Page - STMicroelectronics AN4662 Datasheet HTML 21Page - STMicroelectronics AN4662 Datasheet HTML 22Page - STMicroelectronics AN4662 Datasheet HTML 23Page - STMicroelectronics AN4662 Datasheet HTML 24Page - STMicroelectronics AN4662 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AN4662
Inertial interrupt
6
Inertial interrupt
The LIS2HH12 can provide two inertial interrupt signals and offers several possibilities to
personalize these signals. The registers involved in the interrupt generation behavior are
IG_CFG1(2), IG_SRC1(2), IG_THS_X(Y,Z)1, IG_THS2 and IG_DUR1(2).
Interrupt functionalities can be configured through the IG_CFG1(2) registers, the two MSB
are used to configure the operating mode while the six LSB define the axis behavior with
respect to the defined threshold.
Table 18: IG_CFG1(2) register
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 19: Interrupt mode configuration
AOI bit
6D bit
Interrupt mode
0
0
OR combination of axis requests
0
1
6-direction movement recognition
1
0
AND combination of axis requests
1
1
6-direction position recognition
Table 20: Interrupt behavior configuration
bit
Interrupt behavior
ZHIE
Enable interrupt request when Z output is higher than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
ZLIE
Enable interrupt request when Z output is lower than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
YHIE
Enable interrupt request when Y output is higher than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
YLIE
Enable interrupt request when Y output is lower than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
XHIE
Enable interrupt request when X output is higher than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
XLIE
Enable interrupt request when X output is lower than the threshold.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
The X(Y,Z)HIE and X(Y,Z)LIE configuration has to be selected according to the target
application: free-fall, wake-up, etc. Please note that enabling both X(Y,Z)HIE and X(Y,Z)LIE
of same axis the interrupt request for that axis is always verified. Interrupt requests coming
from all three axes are combined depending on the selected mode, in order to generate the
interrupt condition. Whenever an interrupt condition is verified, the interrupt signal is
generated and by reading the IG_SRC1(2) registers it is possible to understand which axis
generated the request.
Table 21: IG_SRC1(2) register
-
IA
ZH
ZL
YH
YL
XH
XL
DocID027579 Rev 1
21/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com