Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4662 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4662
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4662 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4662 Datasheet HTML 35Page - STMicroelectronics AN4662 Datasheet HTML 36Page - STMicroelectronics AN4662 Datasheet HTML 37Page - STMicroelectronics AN4662 Datasheet HTML 38Page - STMicroelectronics AN4662 Datasheet HTML 39Page - STMicroelectronics AN4662 Datasheet HTML 40Page - STMicroelectronics AN4662 Datasheet HTML 41Page - STMicroelectronics AN4662 Datasheet HTML 42Page - STMicroelectronics AN4662 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN4662
First-in first-out (FIFO) buffer
Figure 17: Stream mode
Stream mode is intended to be used for reading all 32 samples of FIFO within an ODR
after receiving an Overrun signal. However, also a watermark interrupt CTRL3 (INT1_FTH),
CTRL6 (INT2_FTH) can be enabled in order to read data from the FIFO and leave free
memory slots for incoming data.
8.4.4
Stream-to-FIFO mode
In Stream-to-FIFO mode (FIFO_CTRL(FMODE2:0) = 011), FIFO behavior changes
according to the IG_SRC1 (IA) bit. When the IG_SRC1(IA) bit is equal to '1', FIFO operates
in FIFO mode, when the IG_SRC1 (IA) bit is equal to '0', FIFO operates in Stream mode.
Interrupt generator 1 has to be properly set through the IG_CFG1, IGTHS_X1, IGTHS_Y1
and IGTHS_Z1 registers.
The CTRL7 (LIR1) bit should be set to '1' in order to latch the interrupt status and preserve
the FIFO content. If the interrupt is not latched and the interrupt condition disappears, the
FIFO behavior switches to Stream mode, overwriting the FIFO content.
8.4.5
Bypass-to-Stream mode
In Bypass-to-Stream mode (FIFO_CTRL (FMODE [2:0]) = 100) the FIFO buffer is reset
(By-pass mode) when G_SRC1 (IA) is equal to '0', it starts to collect data and to operate in
Stream mode when G_SRC1 (IA) is equal to '1'.
Interrupt generator 1 has to be properly set through the IG_CFG1, IGTHS_X1, IGTHS_Y1
and IGTHS_Z1 registers.
The CTRL7 (LIR1) bit should be set to '1' in order to latch the interrupt status and preserve
the FIFO content. If the interrupt is not latched and interrupt condition disappears, the FIFO
behavior switches to Bypass and the content is reset.
DocID027579 Rev 1
39/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com