Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4662 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4662
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4662 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4662 Datasheet HTML 19Page - STMicroelectronics AN4662 Datasheet HTML 20Page - STMicroelectronics AN4662 Datasheet HTML 21Page - STMicroelectronics AN4662 Datasheet HTML 22Page - STMicroelectronics AN4662 Datasheet HTML 23Page - STMicroelectronics AN4662 Datasheet HTML 24Page - STMicroelectronics AN4662 Datasheet HTML 25Page - STMicroelectronics AN4662 Datasheet HTML 26Page - STMicroelectronics AN4662 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AN4662
Inertial interrupt
Figure 7: DCRM1(2) = 0
Figure 8: DCRM1(2) = 1
6.1.2
Wait function
The wait functionality is enabled by setting the WAIT1(2) bit to “1” in the IG_DUR1(2)
register. When the interrupt condition is no longer verified, the duration counter is
decremented one per sample. The interrupt pin signal remains active until the duration
counter is different from zero (at least: DUR1(2)[6:0] / ODR [time]). If a new interrupt
condition is verified and the duration counter is bigger than zero, the duration counter starts
to increase again and the interrupt pin signal remains at the active state.
The wait function allows maintaining the interrupt in presence of a glitch lower than the
selected threshold.
DocID027579 Rev 1
23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com