Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4723GS Datasheet(PDF) 4 Page - NEC

Part # D4723GS
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D4723GS Datasheet(HTML) 4 Page - NEC

  D4723GS Datasheet HTML 1Page - NEC D4723GS Datasheet HTML 2Page - NEC D4723GS Datasheet HTML 3Page - NEC D4723GS Datasheet HTML 4Page - NEC D4723GS Datasheet HTML 5Page - NEC D4723GS Datasheet HTML 6Page - NEC D4723GS Datasheet HTML 7Page - NEC D4723GS Datasheet HTML 8Page - NEC D4723GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPD4723
4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage (VCHA = L)
VCC
–0.5 to +7.0
V
Supply Voltage (VCHA = H)
VCC
–0.5 to +4.5
V
Driver Input Voltage
DIN
–0.5 to VCC +0.5
V
Receiver Input Voltage
RIN
–30.0 to +30.0
V
Control Input Voltage (STBY, VCHA, EN)
VIN
–0.5 to VCC +0.5
V
Driver Output Voltage
DOUT
–25.0 to +25.0Note 6
V
Receiver Output Voltage
ROUT
–0.5 to VCC +0.5
V
Input Current (DIN, STBY, VCHA, EN)
IIN
±20.0
mA
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to + 150
°C
Total Power Dissipation
PT
0.5
W
Note 6. Pulse width = 1 ms, duty = 10 % MAX.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (VCHA = L, 5 V mode)
VCC
4.5
5.0
5.5
V
Supply Voltage (VCHA = H, 3 V mode)
VCC
3.0
3.3
3.6
V
High-Level Input Voltage (DIN)VIH
2.0
VCC
V
Low-Level Input Voltage (DIN)VIL
0
0.8
V
High Level Input Voltage (STBY, VCHA, EN)
VIH
2.4
VCC
V
Low Level Input Voltage (STBY, VCHA, EN)
VIL
0
0.6
V
Receiver Input Voltage
RIN
–30
+30
V
Operating Ambient Temperature
TA
–40
+85
°C
Capacitance of External Capacitor
Note 7
0.33
4.7
µF
Note 7. In low temperature (below 0
°C), the capacitance of electrolytic capacitor becomes lower. Therefore, set
higher values when using in low temperature.
Concerning the wiring length between the capacitor and the IC, the shorter the better.
Capacitors with good frequency characteristics such as tantalum capacitors, laminated ceramic capacitors,
and aluminum electrolytic capacitors for switching power supply are recommended for the external
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com