Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4723GS Datasheet(PDF) 2 Page - NEC

Part # D4723GS
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D4723GS Datasheet(HTML) 2 Page - NEC

  D4723GS Datasheet HTML 1Page - NEC D4723GS Datasheet HTML 2Page - NEC D4723GS Datasheet HTML 3Page - NEC D4723GS Datasheet HTML 4Page - NEC D4723GS Datasheet HTML 5Page - NEC D4723GS Datasheet HTML 6Page - NEC D4723GS Datasheet HTML 7Page - NEC D4723GS Datasheet HTML 8Page - NEC D4723GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPD4723
2
BLOCK DIAGRAM/PIN CONFIGURATION (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
DIN1
DIN2
DIN3
ROUT1
ROUT2
ROUT3
NC
NC
STBY
VCHA
EN
DOUT1
DOUT2
DOUT3
RIN1
RIN2
RIN3
NC
NC
VDD
C1+
VCC
C1–
C5+
GND
C5–
C4+
GND
C4–
VSS
+10 V
C3
C1
C5
–10 V
+
C2
C4
+
+
+
Note 4
300
Ω
300
Ω
300
Ω
5.5 k
Ω
5.5 k
Ω
+3.3 V
or
+5 V
+
5.5 k
Ω
Note 1. VDD and VSS are output pins stepped up internally. These pins should not be loaded directly.
2. Capacitors C1 to C5 with a breakdown voltage of 20 V or higher are recommended. And it is recommended
to insert the capacitor that is 0.1
µF to 1 µF between VCC and GND.
3. If VCHA is kept low level (in 5 V mode), capacitor C5 is not necessary.
4. The pull-up resistors at driver input are active resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com