Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4723GS Datasheet(PDF) 8 Page - NEC

Part # D4723GS
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D4723GS Datasheet(HTML) 8 Page - NEC

Back Button D4723GS Datasheet HTML 4Page - NEC D4723GS Datasheet HTML 5Page - NEC D4723GS Datasheet HTML 6Page - NEC D4723GS Datasheet HTML 7Page - NEC D4723GS Datasheet HTML 8Page - NEC D4723GS Datasheet HTML 9Page - NEC D4723GS Datasheet HTML 10Page - NEC D4723GS Datasheet HTML 11Page - NEC D4723GS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
µPD4723
8
5 V mode (unless otherwise specified, VCHA = L, VCC = +5.0 V
± 10 %)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Current
IIL
VCC = +5.5 V, VI = 0 V
–40
µA
High-Level Input Current
IIH
VCC = +5.5 V, VI = 5.5 V
1.0
µA
VCC = +5.0 V, RL =
∞, TA = 25 °C
±9.7
V
Output Voltage
VDO
VCC = +5.0 V, RL = 3 k
Ω, TA = Topt
±6.0
V
VCC = +4.5 V, RL = 3 k
Ω, TA = Topt
±5.0
V
Output Short-Circuit Current
ISC
VCC = +5.0 V, for GND
±40
mA
Slew-RateNote 9
SR
CL = 10 pF, RL = 3 to 7 k
Ω
4.0
30
V/
µs
CL = 2 500 pF, RL = 3 to 7 k
Ω
4.0
30
V/
µs
Propagation Delay TimeNote 9
tPHL
RL = 3 k
Ω, CL = 2 500 pF
2
µs
tPLH
Output Resistor
RO
VCC = VDD = VSS = 0 V
300
Ω
VOUT =
±2 V
Standby Output Transfer Time
tDAZ
RL = 3 k
Ω, CL = 2 500 pF,Note 10
410
µs
Standby Output Transfer Time
tDZA
RL = 3 k
Ω, CL = 2 500 pF,Note 10
0.5
1
ms
Power-On Output Transfer Time
tPRA
RL = 3 k
Ω, CL = 2 500 pF,Note 12
0.5
1
ms
* The TYP. values are for reference at TA = 25
°C.
Note 9. Measuring point
0.8 V
2.0 V
+5 V
+3 V
–3 V
SR+
SR–
–3 V
+3 V
–5 V
tPLH
tPHL
VCC
0 V
VDO+
VDO–
DIN
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com