Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC1069-1 Datasheet HTML 1Page - Linear Technology LTC1069-1 Datasheet HTML 2Page - Linear Technology LTC1069-1 Datasheet HTML 3Page - Linear Technology LTC1069-1 Datasheet HTML 4Page - Linear Technology LTC1069-1 Datasheet HTML 5Page - Linear Technology LTC1069-1 Datasheet HTML 6Page - Linear Technology LTC1069-1 Datasheet HTML 7Page - Linear Technology LTC1069-1 Datasheet HTML 8Page - Linear Technology LTC1069-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LTC1069-1
1
10691fa
Frequency Response
Single 3.3V Supply 3kHz Elliptic Lowpass Filter
TYPICAL APPLICATION
DESCRIPTION
Low Power, 8th Order
Progressive Elliptic,
Lowpass Filter
The LTC®1069-1 is a monolithic 8th order lowpass filter
featuring clock-tunable cutoff frequency and 2.5mA power
supply current with a single 5V supply. An additional feature
of the LTC1069-1 is operation with a single 3.3V supply.
The cutoff frequency (fCUTOFF) of the LTC1069-1 is equal
to the clock frequency divided by 100. The gain at fCUTOFF
is –0.7dB and the typical passband ripple is ±0.15dB up
to 0.9fCUTOFF. The stopband attenuation of the LTC1069-1
features a progressive elliptic response reaching 20dB
attenuation at 1.2fCUTOFF, 52dB attenuation at 1.4fCUTOFF
and 70dB attenuation at 2fCUTOFF.
With ±5V supplies, the LTC1069-1 cutoff frequency can
be clock-tuned up to 12kHz; with a single 5V supply, the
maximum cutoff frequency is 8kHz.
The low power feature of the LTC1069-1 does not penal-
ize the device’s dynamic range. With ±5V supplies and an
input range of 0.3VRMS to 2.5VRMS, the signal-to-(noise +
THD) ratio is ≥70dB. The wideband noise of the LTC1069-1
is 110μVRMS. Other filter responses with lower power or
higher speed can be obtained. Please contact LTC market-
ing for details.
The LTC1069-1 is available in 8-pin PDIP and 8-pin SO
packages.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n 8th Order Elliptic Filter in SO-8 Package
n Operates from Single 3.3V to ±5V Power Supplies
n –20dB at 1.2fCUTOFF
n –52dB at 1.4fCUTOFF
n –70dB at 2fCUTOFF
n Wide Dynamic Range
n 110μVRMS Wideband Noise
n 3.8mA Supply Current with ±5V Supplies
n 2.5mA Supply Current with Single 5V Supply
n 2mA Supply Current with Single 3.3V Supply
n Telecommunication Filters
n Antialiasing Filters
VOUT
V
NC
CLK
AGND
V+
NC
VIN
0.1μF
0.47μF
3.3V
VIN
1069-1 TA01
VOUT
LTC1069-1
fCLK
300kHz
+
FREQUENCY (kHz)
1.5
–80
–70
–50
–40
–30
4.5
10
10691 TA02
–60
3
7.5
6
–20
–10
0


Similar Part No. - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Analog Devices
LTC1069-1 AD-LTC1069-1 Datasheet
176Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
142Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
LTC1069-1 AD-LTC1069-1 Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
More results

Similar Description - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com