Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC1069-1 Datasheet HTML 1Page - Linear Technology LTC1069-1 Datasheet HTML 2Page - Linear Technology LTC1069-1 Datasheet HTML 3Page - Linear Technology LTC1069-1 Datasheet HTML 4Page - Linear Technology LTC1069-1 Datasheet HTML 5Page - Linear Technology LTC1069-1 Datasheet HTML 6Page - Linear Technology LTC1069-1 Datasheet HTML 7Page - Linear Technology LTC1069-1 Datasheet HTML 8Page - Linear Technology LTC1069-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LTC1069-1
3
10691fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/100. The
fCLK signal level is TTL or CMOS (clock rise or fall time ≤ 1μs), VS = 3.3V to ±5V, RL = 10k, unless otherwise noted. All AC gains are
measured relative to the passband gain.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at 0.50fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 2.5kHz, VIN = 1VRMS
l
–0.10
–0.11
–0.03
0.10
0.11
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 1kHz, VIN = 0.5VRMS
l
–0.10
–0.11
–0.03
0.10
0.11
dB
dB
Gain at 0.75fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 3.75kHz, VIN = 1VRMS
l
–0.20
–0.25
0.04
0.20
0.25
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 1.5kHz, VIN = 0.5VRMS
l
–0.20
–0.25
0.04
0.20
0.25
dB
dB
Gain at 0.90fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 4.5kHz, VIN = 1VRMS
l
–0.20
–0.25
–0.01
0.20
0.25
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 1.8kHz, VIN = 0.5VRMS
l
–0.20
–0.25
–0.01
0.20
0.25
dB
dB
Gain at 0.95fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 4.75kHz, VIN = 1VRMS
l
–0.30
–0.35
–0.05
0.30
0.35
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 1.9kHz, VIN = 0.5VRMS
l
–0.30
–0.35
–0.04
0.30
0.35
dB
dB
Gain at fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 5.0kHz, VIN = 1VRMS
l
–1.25
–1.35
–0.70
–0.25
–0.15
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 2.0kHz, VIN = 0.5VRMS
l
–1.25
–1.35
–0.61
–0.25
–0.15
dB
dB
Gain at 1.25fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 6.25kHz, VIN = 1VRMS
l
–30
–31
–27
–25
–24
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 2.5kHz, VIN = 0.5VRMS
l
–30
–31
–27
–25
–24
dB
dB
Gain at 1.50fCUTOFF
VS = ±5V, fCLK = 500kHz
fTEST = 7.5kHz, VIN = 1VRMS
l
–58
–59
–53
–50
–49
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 3kHz, VIN = 0.5VRMS
l
–58
–59
–53
–50
–49
dB
dB
Output DC Offset (Input at AGND)
VS = ±5V, fCLK = 500kHz
VS = 4.75V, fCLK = 400kHz
VS = 3.3V, fCLK = 200kHz
30
20
15
150
100
mV
mV
mV
Output Voltage Swing
VS = ±5V
VS = 4.75V
VS = 3.3V
l
l
l
–3.25
–1.50
–0.70
±4.0
±1.7
±0.9
3.25
1.25
0.60
V
V
V
Power Supply Current
VS = ±5V, fCLK = 500kHz
VS = 4.75V, fCLK = 400kHz
VS = 3.3V, fCLK = 200kHz
l
l
l
3.8
2.5
2.0
5.5
4.5
3.5
mA
mA
mA
Maximum Clock Frequency
VS = ±5V
VS = 4.75V
VS = 3.3V
1.2
0.8
0.5
MHz
MHz
MHz
Input Frequency Range
0fCLK/2
MHz
Input Resistance
30
43
70
Operating Power Supply Voltage
±1.57
±5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com