Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1069-1 Datasheet HTML 1Page - Linear Technology LTC1069-1 Datasheet HTML 2Page - Linear Technology LTC1069-1 Datasheet HTML 3Page - Linear Technology LTC1069-1 Datasheet HTML 4Page - Linear Technology LTC1069-1 Datasheet HTML 5Page - Linear Technology LTC1069-1 Datasheet HTML 6Page - Linear Technology LTC1069-1 Datasheet HTML 7Page - Linear Technology LTC1069-1 Datasheet HTML 8Page - Linear Technology LTC1069-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LTC1069-1
2
10691fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) .................................12V
Maximum Voltage at
Any Pin .............................(V– 0.3V) ≤ V ≤ (V+ + 0.3V)
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
AGND
V+
NC
VIN
VOUT
V
NC
CLK
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 110°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
V
NC
CLK
AGND
V+
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 130°C/W
Operating Temperature Range
LTC1069C-1 ............................................. 0°C to 70°C
LTC1069I-1 .......................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/100. The
fCLK signal level is TTL or CMOS (clock rise or fall time ≤ 1μs), VS = 3.3V to ±5V, RL = 10k, unless otherwise noted. All AC gains are
measured relative to the passband gain.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain (fIN ≤ 0.25fCUTOFF)VS = ±5V, fCLK = 500kHz
fTEST = 1.25kHz, VIN = 1VRMS
l
–0.30
–0.35
0.2
0.70
0.75
dB
dB
VS = 3.3V, fCLK = 200kHz
fTEST = 0.5kHz, VIN = 0.5VRMS
l
–0.30
–0.35
0.2
0.70
0.75
dB
dB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC1069-1CN8#PBF
LTC1069-1
8-Lead Plastic DIP
0°C to 70°C
LTC1069-1IN8#PBF
LTC1069-1
8-Lead Plastic DIP
–40°C to 85°C
LTC1069-1CS8#PBF
LTC1069-1CS8#TRPBF
10691
8-Lead Plastic SO
0°C to 70°C
LTC1069-1IS8#PBF
LTC1069-1IS8#TRPBF
10691I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com