Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1806 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1806
Description  EFL700A39 evaluation board kits and design-in board user guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1806 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1806 Datasheet HTML 3Page - STMicroelectronics UM1806 Datasheet HTML 4Page - STMicroelectronics UM1806 Datasheet HTML 5Page - STMicroelectronics UM1806 Datasheet HTML 6Page - STMicroelectronics UM1806 Datasheet HTML 7Page - STMicroelectronics UM1806 Datasheet HTML 8Page - STMicroelectronics UM1806 Datasheet HTML 9Page - STMicroelectronics UM1806 Datasheet HTML 10Page - STMicroelectronics UM1806 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026737 Rev 1
7/16
UM1806
Using the complete evaluation kit
16
5
Using the complete evaluation kit
The use of the EFL700EVALKIT discovery kit is recommended to get familiar with the PMB
board operation and thus with the EFL700A39 electrical management characteristics. The
complete discovery kit gives the possibility to monitor the EFL700A39 charging and
discharging currents as if the EFL700A39 battery was used in a real case application with
high pulse current load. It also helps to monitor the charging current delivered by an external
charger like an energy harvesting device or an USB port.
First connect +5 V power supply on LB board via 2 mm banana plugs or USB connector.
Toggle the SW3 switch to the left position in order to switch “OFF” the pulsed load emulator
operation.
Then, connect an external PV panel or any other energy harvesting device having an output
voltage above 5 V to the left side connector of the PMB board as shown in Figure 8 (PV+
and PV- pins).
In order to monitor the current delivered by the PV through the analog ammeter, press the
PB1 push button. The ammeter sensitivity can be adjusted by selecting the correct position
of the RS rotary switch (depending on the PV current capability):
–
Position 1: “10” marking on the ammeter means 10mA current is flowing.
–
Position 2: “10” marking on the ammeter means 1mA current is flowing.
–
Position 3: “10” marking on the ammeter means 100μA current is flowing.
Pressing the PB2 push button will show through the ammeter the current that goes in or out
of the EFL700A39 micro-battery.
Turning “ON” the SW1 switch on the PMB board connects the SMD super cap mounted on
the PMB board in parallel with the EFL700A39 micro-battery for high current pulse
applications (25 mA / 100 ms every 10 s).
The digital voltmeter indicates the charging voltage of either both EFL700A39 and super
capacitor when SW1 switch is “ON” or EFL700A39 alone when SW1 switch is “OFF”. This
digital voltmeter shall indicate +4.2 V when the EFL700A39 is fully charged.
By turning “ON” the SW3 switch (right position), a current burst operation mode is emulated
(default settings: 5 mA / 100 ms every 10 s). In order to see the behavior of the PMB board
and particularly the EFL700A39 and super cap behavior press PB1 or PB2 (never press
both at the same time). This will show how the charger and PMB work together. If the
charge source does not provide enough current, the PMB board will supply burst current
until the EFL700A39 voltage gets down to its security range. Indeed, when the battery
voltage falls below 3.2 V the power management IC embedded on the PMB board will
disconnect the EFL700A39 in order to prevent it from deep discharge.
The adjustment of the pulsed load duty cycle can be performed with RA1 and RA2
rheostats. RA1 controls the pulse duration whereas RA2 controls the pulse repetition time. A
probe scope can be connected between TP3 and TP4 test points to tune the switching time
of the pulse load.
If for any reason there is a need to fast charge the EFL700A39 and the super capacitor then
you can connect the PMB board micro USB plug to an external USB port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com