Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1806 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1806
Description  EFL700A39 evaluation board kits and design-in board user guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1806 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1806 Datasheet HTML 4Page - STMicroelectronics UM1806 Datasheet HTML 5Page - STMicroelectronics UM1806 Datasheet HTML 6Page - STMicroelectronics UM1806 Datasheet HTML 7Page - STMicroelectronics UM1806 Datasheet HTML 8Page - STMicroelectronics UM1806 Datasheet HTML 9Page - STMicroelectronics UM1806 Datasheet HTML 10Page - STMicroelectronics UM1806 Datasheet HTML 11Page - STMicroelectronics UM1806 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Using the PMB board separately
UM1806
8/16
DocID026737 Rev 1
6
Using the PMB board separately
The PMB board can be used separately for your own application. It can be used to supply a
real IoT (Internet of Things) application case with a micro-controller and radio circuit.
For this it will be necessary to jump strap the I1 to I1’ pins and I2 to I2’ pins as shown below
in Figure 9.
Figure 9. EFL700pmb connections to perform when PMB is used separately
The PMB board characteristics are the following at 25°C:
•
4.2 V output regulated voltage
•
Deep discharge protection when output voltage gets down to 3.2 V
•
USB fast recharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com