Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1806 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1806
Description  EFL700A39 evaluation board kits and design-in board user guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1806 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1806 Datasheet HTML 6Page - STMicroelectronics UM1806 Datasheet HTML 7Page - STMicroelectronics UM1806 Datasheet HTML 8Page - STMicroelectronics UM1806 Datasheet HTML 9Page - STMicroelectronics UM1806 Datasheet HTML 10Page - STMicroelectronics UM1806 Datasheet HTML 11Page - STMicroelectronics UM1806 Datasheet HTML 12Page - STMicroelectronics UM1806 Datasheet HTML 13Page - STMicroelectronics UM1806 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Bill of materials
UM1806
10/16
DocID026737 Rev 1
8
Bill of materials
Table 1. Bom of power management board (PMB)
Reference
Designation
Supplier
Ref parts
Value
BT
EnFilm
™- rechargeable solid state
lithium thin film battery
STMicroelectronics
EFL700A39
C1
Ceramic capacitors
AVX
060333D105KAT2
A
1 µF / 25 V
C2
Low ESR super-capacitor
Cellergy
CLG04P010L12
10 mF / 4.2 V
CN1
Micro-USB SMD connector
TE Connectivity
1981584-1
D1
Diode
MULTICOMP
1N4148W
D2
Diode
MULTICOMP
1N4148W
Q1 (optional)
P-Channel MOSFET
Diodes
Incorporation
DMP2035U
SW1
Surface mount DIP switches
APEM
IKH0204000
Nrep (Ix, OUTx) SMD connector
MULTICOMP
2212S-08SG-85
2.54 mm pitch
OUT1, OUT2
SMD connector
Octagon 2.0 mm
PV+, PV-
SMD connector
Octagon 2.0 mm
R1
Resistor
PANASONIC
ERJP06F51R1V
51.1
Ω
TP1, TP2(GND) Test point pad
Square 1.5 mm
U1
Shunt battery charger system with
low battery disconnect
Linear technology
LTC4071EMS8E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com