Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1841 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1841
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841 Datasheet(HTML) 1 Page - Linear Technology

  LTC1841 Datasheet HTML 1Page - Linear Technology LTC1841 Datasheet HTML 2Page - Linear Technology LTC1841 Datasheet HTML 3Page - Linear Technology LTC1841 Datasheet HTML 4Page - Linear Technology LTC1841 Datasheet HTML 5Page - Linear Technology LTC1841 Datasheet HTML 6Page - Linear Technology LTC1841 Datasheet HTML 7Page - Linear Technology LTC1841 Datasheet HTML 8Page - Linear Technology LTC1841 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1841/LTC1842/LTC1843
Ultralow Power Dual
Comparators with Reference
LTC1843 Supply Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
3
4
5
8
1841/43 TA02
2
1
0
2
4
6
10
12
TA = 25°C
The LTC
®1841/LTC1842/LTC1843 are ultralow power dual
comparators with built-in reference (LTC1842/LTC1843).
The comparators feature less than 5.7
µA supply current
over temperature, a 1.182V
±1% reference, program-
mable hysteresis and open-drain outputs that sink cur-
rent. The reference output can drive a bypass capacitor of
up to 0.01
µF without oscillation.
The LTC1841 operates from a single 2V to 11V supply or
a dual
±1V to ±5.5V supply. The LTC1842/LTC1843
operate from a single 2.5V to 11V supply or a dual
±1.25V
to
±5.5V supply. The LTC1842/LTC1843 hysteresis is
easily programmed by using two resistors and the HYST
pin. The comparators’ input operates from the negative
supply to within 1.3V of the positive supply. The compara-
tors’ output stage can typically sink greater than 20mA. By
eliminating the cross-conduction current that normally
happens when the comparators change logic states, power
supply glitches are eliminated.
The LTC1841/LTC1842/LTC1843 are available in SO-8
packages.
FEATURES
DESCRIPTION
s
Ultralow Quiescent Current: 3.5
µA Typ
s
Open-Drain Outputs Typically Sink
Greater Than 20mA
s
Wide Supply Range: (LTC1841)
Single: 2V to 11V
Dual:
±1V to ±5.5V
s
Input Voltage Range Includes the Negative Supply
s
Reference Output Drives 0.01
µF Capacitor
s
Adjustable Hysteresis
s
12
µs Propagation Delay with 10mV Overdrive
s
No Current Spike When Switching
R4
20k
RC
20k
CC
0.0
µF
R7
500k
OUTPUT
5V
600mA
LBO
R5
1.1M
R3
1M
R2
100k
R1
1.5M
C1
100
µF
1-CELL
Li-Ion
BATTERY
R6
25k
7
8
67
D1
L1
10
µH
4
8
3
1
2
1
6
C1, C2: SANYO OS-CON
D1: MOTOROLA MBRS130LT3
L1: COILTRONICS CTX10-3
25
1841/43 TA01
3
4
+
C2
100
µF
Si9924DY
+
+
VCC
OUT B
LTC1843
OUT A
REF
V
HYST
IN A+
IN B
VIN
SW
LT1302-5
SHDN
PGND
IT
SENSE
VC
GND
TYPICAL APPLICATION
Single Li-Ion Cell to 5V Supply
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
Battery-Powered System Monitoring
s
Threshold Detectors
s
Window Comparators
s
Oscillator Circuits


Similar Part No. - LTC1841

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1841C LINER-LTC1841C Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1841CS8 LINER-LTC1841CS8 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1841I LINER-LTC1841I Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1841IS8 LINER-LTC1841IS8 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
More results

Similar Description - LTC1841

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
Ultralow Power Single/Dual Comparator with Reference
LTC1443 LINER-LTC1443 Datasheet
176Kb / 12P
Ultralow Power Quad Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1443 LINER-LTC1443_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
Ultralow Power Quad Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com