Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1841 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1841
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1841 Datasheet HTML 2Page - Linear Technology LTC1841 Datasheet HTML 3Page - Linear Technology LTC1841 Datasheet HTML 4Page - Linear Technology LTC1841 Datasheet HTML 5Page - Linear Technology LTC1841 Datasheet HTML 6Page - Linear Technology LTC1841 Datasheet HTML 7Page - Linear Technology LTC1841 Datasheet HTML 8Page - Linear Technology LTC1841 Datasheet HTML 9Page - Linear Technology LTC1841 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1841/LTC1842/LTC1843
PIN FUNCTIONS
OUT A (Pin 1): Comparator A Open-Drain Output. Output
can typically sink greater than 20mA.
V (Pin 2): Negative Supply.
IN A+ (Pin 3): Noninverting Input of Comparator A. Input
common mode range extends from V to V + – 1.3V. Input
current is typically 10pA at 25
°C.
IN A (Pin 4) (LTC1841): Inverting Input of Comparator A.
Input common mode range extends from V to V + – 1.3V.
Input current is typically 10pA at 25
°C.
IN B+ (Pin 4) (LTC1842): Noninverting Input of Compara-
tor B. Input common mode range extends from V to
V + – 1.3V. Input current is typically 10pA at 25
°C.
IN B(Pin 4) (LTC1843): Inverting Input of Comparator B.
Input common mode range extends from V to V + – 1.3V.
Input current is typically 10pA at 25
°C.
IN B(Pin 5) (LTC1841): Inverting Input of Comparator B.
Input common mode range extends from V to V + – 1.3V.
Input current is typically 10pA at 25
°C.
HYST (Pin 5) (LTC1842/LTC1843): Hysteresis Input.
Connect to REF if not used. Input voltage range is from
VREF to VREF – 50mV.
IN B+ (Pin 6) (LTC1841): Noninverting Input of Compara-
tor B. Input common mode range extends from V to
V + – 1.3V. Input current is typically 10pA at 25
°C.
REF (Pin 6) (LTC1842/LTC1843): Reference Output.
1.182V with respect to V . Can typically source greater
than 1mA and sink 10
µA at 25°C. Can drive 0.01µF bypass
capacitor without oscillation.
V + (Pin 7) (LTC1841): Positive Supply. 2V to 11V.
V + (Pin 7) (LTC1842/LTC1843): Positive Supply. 2.5V to
11V.
OUT B (Pin 8): Comparator B Open-Drain Output. Output
can typically sink greater than 20mA.
1841 PD
V
V +
OUT A
LTC1841
1
2
3
4
8
7
6
5
IN A+
IN A
IN B+
IN B
OUT B
+
+
A
B
1842 PD
V
V
V +
OUT A
LTC1842
1
2
3
4
8
7
6
5
IN A+
IN B+
REF
HYST
OUT B
+
+
A
B
1843 PD
V
V
V +
OUT A
LTC1843
1
2
3
4
8
7
6
5
IN A+
IN B
REF
HYST
OUT B
+
+
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com