Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1841 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1841
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841 Datasheet(HTML) 5 Page - Linear Technology

  LTC1841 Datasheet HTML 1Page - Linear Technology LTC1841 Datasheet HTML 2Page - Linear Technology LTC1841 Datasheet HTML 3Page - Linear Technology LTC1841 Datasheet HTML 4Page - Linear Technology LTC1841 Datasheet HTML 5Page - Linear Technology LTC1841 Datasheet HTML 6Page - Linear Technology LTC1841 Datasheet HTML 7Page - Linear Technology LTC1841 Datasheet HTML 8Page - Linear Technology LTC1841 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1841/LTC1842/LTC1843
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1842/LTC1843
Hysteresis Control
LTC1842/LTC1843
Supply Current vs Temperature
VREF – VHYST (mV)
0
30
50
1440/1/2/3 G07
10
20
40
80
60
40
20
0
–20
–40
–60
–80
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (
°C)
–60
4.5
4.0
3.5
3.0
2.5
2.0
100
1440/1/2/3 G08
–20
–40
20 40
80
120
0
60
140
V+ = 5V
V= –5V
V+ = 5V
V= 0V
V+ = 3V
V= 0V
OUTPUT LOAD CURRENT (mA)
0
1.190
1.185
1.180
1.175
1.170
1.165
1.160
1.155
1.5
2.5
1841/2/3 G09
0.5
1.0
2.0
3.0
3.5
VCC = 5V
SOURCE
Reference Output Voltage vs
Output Load Current
Reference Output Voltage vs Output
Load Current (Sink)
OUTPUT LOAD CURRENT (
µA)
0
1.200
1.195
1.190
1.185
1.180
1.175
1.170
5
10
15
20
1440/1/2/3 G10
25
30
VCC = 5V
SINK
VCC = 2V
TEMPERATURE (
°C)
–60
1.186
1.184
1.182
1.180
1.178
1.176
1.174
1.172
1.170
100
1440/1/2/3 G11
–20
–40
20 40
80
120
0
60
140
Reference Voltage vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com