Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 1 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 1 Page - Linear Technology

  LM134_15 Datasheet HTML 1Page - Linear Technology LM134_15 Datasheet HTML 2Page - Linear Technology LM134_15 Datasheet HTML 3Page - Linear Technology LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM134 Series
1
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
s
Current Mode Temperature Sensing
s
Constant Current Source for Shunt References
s
Cold Junction Compensation
s
Constant-Gain Bias for Bipolar Differential Stage
s
Micropower Bias Networks
s
Buffer for Photoconductive Cell
s
Current Limiter
s
1
µA to 10mA Operation
s
0.02%/V Regulation
s
0.8V to 40V Operating Voltage
s
Can be Used as Linear Temperature Sensor
s
Draws No Reverse Current
s
Supplied in Standard Transistor Packages
Constant Current Source
and Temperature Sensor
The LM134 is a three-terminal current source designed to
operate at current levels from 1
µA to 10mA, as set by an
external resistor. The device operates as a true two-
terminal current source, requiring no extra power connec-
tions or input signals. Regulation is typically 0.02%/V and
terminal-to-terminal voltage can range from 800mV to
40V.
Because the operating current is
directly proportional to
absolute temperature in degrees Kelvin, the device will
also find wide applications as a temperature sensor. The
temperature dependence of the operating current is
0.336%/
°C at room temperature. For example, a device
operating at 298
µA will have a temperature coefficient of
1
µA/°C. The temperature dependence is extremely accu-
rate and repeatable. Devices specified as temperature
sensors in the 100
µA to 1mA range are the LM134-3,
LM234-3 and the LM134-6, LM234-6, with the dash
numbers indicating
±3°C and ±6°C accuracies, respec-
tively.
If a zero temperature coefficient current source is re-
quired, this is easily achieved by adding a diode and a
resistor.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Remote Temperature Sensor with Voltage Output
Operating Current vs Temperature
V+
V–
R
RSET
226
Ω
VIN ≥ 5V
R1
10k
10mV/
°K
LM234-3
TA01a
OPERATING CURRENT (
µA)
0
500
400
300
200
100
0
400
TA01b
100
200
300
500
225
125
25
–75
–175
–275
RSET = 226Ω


Similar Part No. - LM134_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Similar Description - LM134_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
Constant current source
2001 May 07
logo
Linear Technology
LM334S8 LINER-LM334S8 Datasheet
110Kb / 2P
Constant Current Source and Temperature Sensor
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
logo
List of Unclassifed Man...
AN103 ETC1-AN103 Datasheet
53Kb / 5P
The FET Constant-Current Source/Limiter
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
Nexperia B.V. All right...
PSSI2021SAY NEXPERIA-PSSI2021SAY Datasheet
188Kb / 13P
Constant current source in SOT353 package
Rev. 03 - 27 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com