Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 2 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 2 Page - Linear Technology

  LM134_15 Datasheet HTML 1Page - Linear Technology LM134_15 Datasheet HTML 2Page - Linear Technology LM134_15 Datasheet HTML 3Page - Linear Technology LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM134 Series
2
NC
NC
NC
NC
V–
R
V+
NC
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
V+ to V– Forward Voltage
LM134 ................................................................. 40V
LM134-3/LM134-6/LM234-3/
LM234-6/LM334 ................................................. 30V
V+ to V– Reverse Voltage ........................................ 20V
R Pin to V– Voltage .................................................... 5V
Set Current ........................................................... 10mA
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 440°C/W, θJA = 80°C/W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for availability of LM234Z-3 and LM234Z-6
Power Dissipation .............................................. 200mW
Operating Temperature Range
LM134 (OBSOLETE) ................... –55
°C to 125°C
LM234-3/LM234-6 ............................–25
°C to 100°C
LM334 ..................................................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART
MARKING
334
LM334S8
LM134H
LM334H
LM134H-3
LM234H-3
LM134H-6
LM234H-6
CURRENT
SOURCE
TEMP
SENSOR
TJMAX = 100°C, θJA = 160°C/W
TJMAX = 100°C, θJA = 180°C/W
LM334Z
CURRENT
SOURCE
TEMP
SENSOR
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
V–
V+
R
BOTTOM VIEW
H PACKAGE
3-LEAD TO-46 METAL CAN
V–
V+
R
LM234Z-3
LM234Z-6
OBSOLETE PACKAGE
Consider the S8 or Z Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com