Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 4 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 4 Page - Linear Technology

  LM134_15 Datasheet HTML 1Page - Linear Technology LM134_15 Datasheet HTML 2Page - Linear Technology LM134_15 Datasheet HTML 3Page - Linear Technology LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM134 Series
4
Output Impedance
Maximum Slew Rate for
Linear Operation
Start-Up
Transient Response
Voltage Across RSET
Current Noise
Turn-On Voltage
Ratio of ISET to V– Current
Operating Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
10
106
107
108
109
100
1k
10k
134 G01
I = 100
µA
I = 10
µA
I = 1mA
ISET (µA)
0.01
0.1
1.0
10
1
100
1000
134 G02
0.001
10
10000
10
µA
0
µA
100
µA
0
µA
1mA
0mA
5V
0V
134 G03
200
µs
INPUT
50
µs
5
µs
TIME
(*NOTE SCALE CHANGES FOR EACH CURRENT LEVEL)
2
1
0
–1
5
0
–5
10
0
–10
–20
134 G04
2
µs
50
µs
10
µs
ISET = 1mA
ISET = 100µA
ISET = 10µA
V+ TO V– = 5V
∆V = 0.4V
tr, f = 500ns
TIME
(*NOTE SCALE CHANGES FOR EACH CURRENT LEVEL)
TEMPERATURE (
°C)
–50
86
82
78
74
70
66
62
58
54
50
46
0
50
75
1314/15 G01
–25
25
100
125
FREQUENCY (Hz)
10
100
1k
10k
10
1k
10k
134 G06
1
100
100k
ISET = 100µA
ISET = 1mA
ISET = 5mA
ISET = 10µA
V+ TO V– VOLTAGE
10
µA
1mA
10mA
0.4
0.8
1.2
1.0
134 G02
1
µA
0.6
1.4
RSET = 68Ω
RSET = 680Ω
RSET = 6.8k
Tj = 25°C
RSET = 14Ω
100
µA
ISET
10
µA
21
20
19
18
17
16
15
14
13
12
11
100
µA
1mA
10mA
134 G08
OPERATING CURRENT (
µA)
0
500
400
300
200
100
0
400
134 G09
100
200
300
500
RSET = 226Ω
225
125
25
–75
–175
–275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com